Electronic Components Datasheet Search
  English  ▼

X  

IR4426 Datasheet(PDF) 6 Page - International Rectifier

Part # IR4426
Description  DUAL LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4426 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR4426 Datasheet HTML 2Page - International Rectifier IR4426 Datasheet HTML 3Page - International Rectifier IR4426 Datasheet HTML 4Page - International Rectifier IR4426 Datasheet HTML 5Page - International Rectifier IR4426 Datasheet HTML 6Page - International Rectifier IR4426 Datasheet HTML 7Page - International Rectifier IR4426 Datasheet HTML 8Page - International Rectifier IR4426 Datasheet HTML 9Page - International Rectifier IR4426 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRS4426/IRS4427/IRS4428
www.irf.com
© 2010 International Rectifier
6
Static Electrical Characteristics
VCC = 15V, TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to COM and are
applicable to input leads: INA and INB. The VO and IO parameters are referenced to COM and are applicable
to the output leads: OUTA and OUTB.
Symbol
Definition
Min
Typ Max Units
Test Conditions
VIH
Logic “0” input voltage (OUTA = LO, OUTB = LO)
(IRS4426)
Logic “1” input voltage (OUTA=HI,OUTB=HI)
(IRS4427)
Logic “0” input voltage (OUTA=LO), Logic “1”
input voltage (OUTB=HI) (IRS4428)
2.5
—
—
V
VIL
Logic “1” input voltage (OUTA = HI, OUTB = HI)
(IRS4426)
Logic “0” input voltage (OUTA=LO,OUTB=LO)
(IRS4427)
Logic “1” input voltage (OUTA=HI), Logic “0” input
voltage (OUTB=LO) (IRS4428)
—
—
0.8
VOH
High level output voltage, VBIAS -VO
—
—
1.4
IO = 0 mA
VOL
Low level output voltage, VO
—
—
0.15
V
IO = 20 mA
IIN+
Logic “1” input bias current
—
5
15
VIN = 0V (IRS4426)
VIN = 5V (IRS4427)
VINA = 0V (IRS4428)
VINB = 5V (IRS4428)
IIN-
Logic “0” input bias current
-30
-10
—
VIN = 5V (IRS4426)
VIN = 0V (IRS4427)
VINA = 5V (IRS4428)
VINB = 0V (IRS4428)
IQCC
Quiescent VCC supply current
—
100 200
µA
VIN = 0V or 5V
IO+
Output high short circuit pulsed current
—
2.3
—
VO = 0V, VIN = COM
(IRS4426)
VO = 0V, VIN = 5V
(IRS4427)
VO = 0V, VINA = COM
(IRS4428)
VO = 0V, VINB = 5V
(IRS4428)
IO-
Output low short circuit pulsed current
—
3.3
—
A
VO = 15V, VIN = 5V
(IRS4426)
VO = 15V, VIN = COM
(IRS4427)
VO = 15V, VINA = 5V
(IRS4428)
VO = 15V, VINB = COM
(IRS4428)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com