Electronic Components Datasheet Search
  English  ▼

X  

IR4426 Datasheet(PDF) 7 Page - International Rectifier

Part # IR4426
Description  DUAL LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4426 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR4426 Datasheet HTML 3Page - International Rectifier IR4426 Datasheet HTML 4Page - International Rectifier IR4426 Datasheet HTML 5Page - International Rectifier IR4426 Datasheet HTML 6Page - International Rectifier IR4426 Datasheet HTML 7Page - International Rectifier IR4426 Datasheet HTML 8Page - International Rectifier IR4426 Datasheet HTML 9Page - International Rectifier IR4426 Datasheet HTML 10Page - International Rectifier IR4426 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRS4426/IRS4427/IRS4428
www.irf.com
© 2010 International Rectifier
7
Dynamic Electrical Characteristics
VCC = 15V, TA = 25°C, and CL = 1000pF unless otherwise specified.
Symbol
Definition
Min
Typ Max Units
Test Conditions
ton
Turn-on propagation delay
—
50
95
toff
Turn-off propagation delay
—
50
95
tr
Turn-on rise time
—
25
55
tf
Turn-off fall time
—
25
55
ns
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com