Electronic Components Datasheet Search
  English  ▼

X  

MAX6433 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6433
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6433 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6433 Datasheet HTML 9Page - Maxim Integrated Products MAX6433 Datasheet HTML 10Page - Maxim Integrated Products MAX6433 Datasheet HTML 11Page - Maxim Integrated Products MAX6433 Datasheet HTML 12Page - Maxim Integrated Products MAX6433 Datasheet HTML 13Page - Maxim Integrated Products MAX6433 Datasheet HTML 14Page - Maxim Integrated Products MAX6433 Datasheet HTML 15Page - Maxim Integrated Products MAX6433 Datasheet HTML 16Page - Maxim Integrated Products MAX6433 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
______________________________________________________________________________________
13
Microprocessor power will not return until the battery has
recharged to a voltage greater than HTH+ (Figure 6).
Li+ Battery Charger Application
The MAX6430/MAX6431/MAX6432 and MAX6436/
MAX6437/MAX6438 dual-output battery monitors can
be used in conjunction with a battery charger to pro-
vide a system with additional information about the bat-
tery charge state (Figure 10). Many battery chargers,
such as the MAX1879, provide the user with a CHG
output, which tells the system that the battery is
charged. The MAX6430/MAX6431/MAX6432 and
MAX6436/MAX6437/MAX6438 dual-output battery mon-
itors provide two outputs, which can be used to relay
the battery condition to the system. This information is
useful in determining which system resources can be
powered by the battery at the current charge state.
Figure 10. Lithium-Ion Cell Charger Application (using MAX1879)
BATT
GND
1-CELL
Li+
BATTERY
THERM
ADJ
GATE
CURRENT-
LIMITED
AC WALL
ADAPTER
PULSE-WIDTH
SELECT INPUT
CHG
LED
THERMISTOR
IN
MAX1879
MAX6430
TSEL
GND
LBOL
LBOH
VBATT
MAX6427
VBATT
µP
BATT
VCC
LBO
NMI
Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com