Electronic Components Datasheet Search
  English  ▼

X  

MAX6433 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6433
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6433 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6433 Datasheet HTML 1Page - Maxim Integrated Products MAX6433 Datasheet HTML 2Page - Maxim Integrated Products MAX6433 Datasheet HTML 3Page - Maxim Integrated Products MAX6433 Datasheet HTML 4Page - Maxim Integrated Products MAX6433 Datasheet HTML 5Page - Maxim Integrated Products MAX6433 Datasheet HTML 6Page - Maxim Integrated Products MAX6433 Datasheet HTML 7Page - Maxim Integrated Products MAX6433 Datasheet HTML 8Page - Maxim Integrated Products MAX6433 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
0
0.6
0.3
1.2
0.9
1.5
1.8
-40
20
40
-20
0
60
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VBATT = 5V
VBATT = 3.3V
VBATT = 2V
LBO NOT ASSERTED
1.010
1.005
1.000
0.995
0.990
-40
20
-20
0
40
60
80
NORMALIZED LBO TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
10
100
1000
MAXIMUM TRANSIENT DURATION
vs. LBO COMPARATOR OVERDRIVE
LBO COMPARATOR OVERDRIVE (mV)
OUTPUT DOES
NOT ASSERT
OUTPUT ASSERTS
0.950
0.975
1.025
1.000
1.050
-40
0
-20
20
40
60
80
NORMALIZED UPPER AND LOWER
TRIP VOLTAGES vs. TEMPERATURE
TEMPERATURE (
°C)
LOWER TRIP VOLTAGE
UPPER TRIP VOLTAGE
0
100
50
200
150
250
300
010
ISINK (mA)
4
26
8
LBO OUTPUT vs. ISINK
OPEN-DRAIN LBO
ASSERTED
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
_______________________________________________________________________________________
5
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com