Electronic Components Datasheet Search
  English  ▼

X  

MAX6434 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6434
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6434 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6434 Datasheet HTML 1Page - Maxim Integrated Products MAX6434 Datasheet HTML 2Page - Maxim Integrated Products MAX6434 Datasheet HTML 3Page - Maxim Integrated Products MAX6434 Datasheet HTML 4Page - Maxim Integrated Products MAX6434 Datasheet HTML 5Page - Maxim Integrated Products MAX6434 Datasheet HTML 6Page - Maxim Integrated Products MAX6434 Datasheet HTML 7Page - Maxim Integrated Products MAX6434 Datasheet HTML 8Page - Maxim Integrated Products MAX6434 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(BATT = 1.0V to 5.5V or VDD = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT, VDD to GND ................................................-0.3V to +6.0V
HTHIN, LTHIN Inputs to GND.....................-0.3V to (VDD + 0.3V)
Open-Drain LBO/LBO, LBOH/LBOH,
LBOL/LBOL to GND .........................................-0.3V to +6.0V
Push-Pull LBO/LBO, LBOH/LBOH,
LBOL/LBOL to GND ................-0.3V to (BATT or VDD + 0.3V)
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23-3 (derate 4.0mW/°C above +70°C) .......320mW
4-Pin SOT143-4 (derate 4.0mW/°C above +70°C) .....320mW
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) .......571mW
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) .......696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40
°C to +85°C
1.2
5.5
Operating Voltage Range
VBATT
TA = 0
°C to +70°C
1.0
5.5
V
Operating Voltage Range
VDD
TA = -40
°C to +85°C
1.6
5.5
V
BATT Supply Current
IBATT
VBATT = 3.7V, no load (MAX6427–MAX6432)
1
1.5
µA
VDD Supply Current
IDD
VDD = 3.7V, no load
(MAX6433–MAX6438)
1
1.5
µA
FACTORY-FIXED THRESHOLDS (MAX6427–MAX6432)
HTH Threshold
(Note 2)
VHTH
Factory-fixed options, BATT rising,
LBO deasserted when BATT rises above
VHTH (MAX6427/MAX6428/MAX6429)
-2.5
+2.5
%
LTH Threshold
(Note 2)
VLTH
Factory-fixed options, BATT falling,
LBO asserted when BATT falls below VLTH
(MAX6427/MAX6428/MAX6429)
-2.5
+2.5
%
HTH- Threshold
(Note 2)
VHTH-
Factory-fixed options, BATT falling, LBOH
asserted when BATT falls below VHTH-
(MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%
HTH+ Threshold
(Note 3)
VHTH+
Factory-fixed options, BATT rising,
LBOH deasserted when BATT rises above
VHTH+ (MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%
LTH- Threshold
(Note 2)
VLTH-
Factory-fixed options, BATT falling,
LBOL asserted when BATT falls below VLTH-
(MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%
LTH+ Threshold
(Note 3)
VLTH+
Factory-fixed options, BATT rising,
LBOL deasserted when BATT rises above
VLTH+ (MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com