Electronic Components Datasheet Search
  English  ▼

X  

MAX6434 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6434
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6434 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6434 Datasheet HTML 1Page - Maxim Integrated Products MAX6434 Datasheet HTML 2Page - Maxim Integrated Products MAX6434 Datasheet HTML 3Page - Maxim Integrated Products MAX6434 Datasheet HTML 4Page - Maxim Integrated Products MAX6434 Datasheet HTML 5Page - Maxim Integrated Products MAX6434 Datasheet HTML 6Page - Maxim Integrated Products MAX6434 Datasheet HTML 7Page - Maxim Integrated Products MAX6434 Datasheet HTML 8Page - Maxim Integrated Products MAX6434 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(BATT = 1.0V to 5.5V or VDD = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
USER-ADJUSTABLE THRESHOLDS (MAX6433–MAX6438)
HTHIN Threshold
(Note 4)
VHTHIN
User-adjustable options, HTHIN rising,
LBO is deasserted when HTHIN rises above
VHTHIN-, VREF = 615mV
(MAX6433/MAX6434/MAX6435)
-2.5
+2.5
%
LTHIN Threshold
(Note 4)
VLTHIN
User-adjustable options, LTHIN falling,
LBOH is asserted when LTHIN falls below
VLTHIN-, VREF = 615mV
(MAX6433/MAX6434/MAX6435)
-2.5
+2.5
%
HTHIN+ Threshold
(Note 4)
VHTHIN+
User-adjustable options, HTHIN rising,
LBOH is deasserted when HTHIN rises
above VHTHIN+, VREF = 615mV
(MAX6436/MAX6437/MAX6438)
-2.5
+2.5
%
HTHIN- Threshold
(Note 5)
VHTHIN-
User-adjustable options, HTHIN falling,
LBOH is asserted when HTHIN falls below
VHTHIN-, VREF = 585mV
(MAX6436/MAX6437/MAX6438)
-2.5
+2.5
%
LTHIN+ Threshold
(Note 4)
VLTHIN+
User-adjustable options, LTHIN rising,
LBOL is deasserted when LTHIN rises
above VLTHIN+, VREF = 615mV
(MAX6436/MAX6437/MAX6438)
-2.5
+2.5
%
LTHIN- Threshold
(Note 5)
VLTHIN-
User-adjustable options, LTHIN falling,
LBOL is asserted when LTHIN falls below
VLTHIN-, VREF = 585mV
(MAX6436/MAX6437/MAX6438)
-2.5
+2.5
%
HTHIN/LTHIN Leakage Current
(Note 6)
ILKG
VHTHIN or VLTHIN > 400mV
20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com