Electronic Components Datasheet Search
  English  ▼

X  

UCD3138A Datasheet(PDF) 64 Page - Texas Instruments

Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 64 Page - Texas Instruments

Back Button UCD3138A_15 Datasheet HTML 60Page - Texas Instruments UCD3138A_15 Datasheet HTML 61Page - Texas Instruments UCD3138A_15 Datasheet HTML 62Page - Texas Instruments UCD3138A_15 Datasheet HTML 63Page - Texas Instruments UCD3138A_15 Datasheet HTML 64Page - Texas Instruments UCD3138A_15 Datasheet HTML 65Page - Texas Instruments UCD3138A_15 Datasheet HTML 66Page - Texas Instruments UCD3138A_15 Datasheet HTML 67Page - Texas Instruments UCD3138A_15 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
7.2.7
Application Performance Plots
30A Load
syncFETs off
1A-16A-1A
Vin =385V
Figure 7-11. VOUT Soft Start
Figure 7-10. Load Transient
Kp =14000
Kd =2000
Ki =300
Alpha = –2
Figure 7-12. Bode Plot
64
Application, Implementation, and Layout
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com