Electronic Components Datasheet Search
  English  ▼

X  

UCD3138A Datasheet(PDF) 19 Page - Texas Instruments

Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCD3138A_15 Datasheet HTML 15Page - Texas Instruments UCD3138A_15 Datasheet HTML 16Page - Texas Instruments UCD3138A_15 Datasheet HTML 17Page - Texas Instruments UCD3138A_15 Datasheet HTML 18Page - Texas Instruments UCD3138A_15 Datasheet HTML 19Page - Texas Instruments UCD3138A_15 Datasheet HTML 20Page - Texas Instruments UCD3138A_15 Datasheet HTML 21Page - Texas Instruments UCD3138A_15 Datasheet HTML 22Page - Texas Instruments UCD3138A_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
EAP0
EAN0
DAC0
EADC
4 bit dithering gives 14 bits of effective resolution
97.65625 µV/LSB effective resolution
X
6 bit ADC
8 mV/LSB
Signed 9 bit result
(error) 1 mV /LSB
AFE_GAIN
10 bit DAC
1.5625 mV/LSB
Value
Dither
S
CPCC
Filter x
Ramp
SAR/Prebias
Absolute Value
Calculation
Averaging
10 bit result
1.5625 mV/LSB
2
3-AFE_GAIN
Peak Current Mode
Comparator
Peak Current
Detected
A0
2
AFE_GAIN
IOFFSET
REA
EAP
EAN
AGND
AGND
IOFFSET
REA
Front End Differential
Amplifier
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
Figure 5-5. Input Stage of EADC Module
Figure 5-6. Front End Module
(Front End 2 Recommended for Peak Current Mode Control)
5.8.1.2
DPWM Module
The DPWM module represents one complete DPWM channel with 2 independent outputs, A and B.
Multiple DPWM modules within the UCD3138A system can be configured to support all key power
topologies. DPWM modules can be used as independent DPWM outputs, each controlling one power
supply output voltage rail. It can also be used as a synchronized DPWM—with user selectable phase shift
between the DPWM channels to control power supply outputs with multiphase or interleaved DPWM
configurations.
Copyright © 2015, Texas Instruments Incorporated
Specifications
19
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com