| Electronic Components Datasheet Search |
|
UCD3138ARMHR Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138ARMHR Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 83 page ![]() Start of Period Period Counter Start of Period Period Adaptive Sample Trigger B Sample Trigger 1 DPWM Output A Cycle Adjust A (High Resolution) Filter Duty (High Resolution) Event 1 Event 2 - Event 3 (High Resolution) Event 4 (High Resolution) DPWM Output B Blanking A Begin Blanking A End Blanking B Begin Blanking B End Phase Trigger Sample Trigger 2 To Other Modules To Other Modules Adaptive Sample Trigger A UCD3138A www.ti.com SLUSC66B – MARCH 2015 – REVISED MAY 2015 6.5.5 Leading Edge Mode Leading edge mode is very similar to Normal mode, reversed in time. The DPWM A falling edge is fixed, and the rising edge moves to the left, or backwards in time, as the filter output increases. The DPWM B falling edge stays ahead of the DPWMA rising edge by a fixed dead time. The diagram of the Leading Edge Mode is shown in Figure 6-5. As in the Normal mode, the two edges in the middle of the period are dynamic, so the fixed blanking intervals are mainly useful for the edges at the beginning and end of the period. Events which change with DPWM mode: • DPWM A Rising Edge = Event 1 • DPWM A Falling Edge = = Event 1 - Filter Duty + Cycle Adjust A • Adaptive Sample Trigger A = Event 1 - Filter Duty + Adaptive Sample Register or • Adaptive Sample Trigger B = Event 1 - Filter Duty / 2 + Adaptive Sample Register • DPWM B Rising Edge = Event 4 • DPWM B Falling Edge = Event 1 - Filter Duty + Cycle Adjust A - ( Event 2 – Event 3 ) • Phase Trigger = Phase Trigger Register value or Filter Duty Events always set by their registers, regardless of mode: • Sample Trigger 1, Sample Trigger 2, Blanking A Begin, Blanking A End, Blanking B • Begin, Blanking B End Figure 6-5. Leading Edge Closed Loop Copyright © 2015, Texas Instruments Incorporated Detailed Description 35 Submit Documentation Feedback Product Folder Links: UCD3138A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |