Electronic Components Datasheet Search
  English  ▼

X  

UCD3138ARMHR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD3138ARMHR Datasheet HTML 6Page - Texas Instruments UCD3138ARMHR Datasheet HTML 7Page - Texas Instruments UCD3138ARMHR Datasheet HTML 8Page - Texas Instruments UCD3138ARMHR Datasheet HTML 9Page - Texas Instruments UCD3138ARMHR Datasheet HTML 10Page - Texas Instruments UCD3138ARMHR Datasheet HTML 11Page - Texas Instruments UCD3138ARMHR Datasheet HTML 12Page - Texas Instruments UCD3138ARMHR Datasheet HTML 13Page - Texas Instruments UCD3138ARMHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
AGND
AD13
AD06
AD04
AD03
DGND
/RESET
ADC_EXT_TRIG/TCAP/SYNC/PWM0
PMBUS_CLK/SCI_TX0
PMBUS_DATA/SCI_RX0
AGND
BP18
DGND
V33D
TMS
TDI/SCI_RX0/PMBUS_CTRL/FAULT1/DTC0
TDO/SCI_TX0/PMBUS_ALERT/FAULT0/DTC1
TCK/TCAP/SYNC/PWM0/DTC0
FAULT2
AGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
4.2
UCD3138ARMH Package
40 QFN PACKAGE
With Corner Anchors Pin Attributes
TOP VIEW
NOTE: The RMH package has thinner package height compared to the RHA package. There are also four corner
pins on the RMH package. These features help to improve solder-joint reliability. The corner anchor pins and thermal
pad should be soldered for robust mechanical performance and should be tied to the appropriate ground signal.
Table 4-2. UCD3138ARMH Terminal Functions
ALTERNATE ASSIGNMENT
CONFIGURABLE
PIN NO.
NAME
PRIMARY ASSIGNMENT
AS A GPIO?
NO. 1
NO. 2
NO. 3
NO. 4
1
AGND
Analog ground
2
AD13
12-bit ADC, Ch 13, Connected to comparator E, I-share
3
AD06
12-bit ADC, Ch 6, Connected to comparator F
4
AD04
12-bit ADC, Ch 4, Connected to comparator D
5
AD03
12-bit ADC, Ch 3, Connected to comparator B and C
6
DGND
Digital ground
7
RESET
Device Reset Input, active low
8
ADC_EXT_TRIG
ADC conversion external trigger input
TCAP
SYNC
PWM0
Yes
9
PMBUS_CLK
PMBUS Clock (Open Drain)
SCI_TX0
Yes
10
PMBUS_DATA
PMBus data (Open Drain)
SCI_RX0
Yes
11
DPWM0A
DPWM 0A output
Yes
12
DPWM0B
DPWM 0B output
Yes
13
DPWM1A
DPWM 1A output
Yes
14
DPWM1B
DPWM 1B output
Yes
15
DPWM2A
DPWM 2A output
Yes
16
DPWM2B
DPWM 2B output
Yes
17
DWPM3A
DPWM 3A output
Yes
18
DPWM3B
DPWM 3B output
Yes
19
PMBUS_ALERT
PMBus Alert (Open Drain)
Yes
20
PMBUS_CTRL
PMBus Control (Open Drain)
Yes
21
TCK
JTAG TCK
TCAP
SYNC
PWM0
DTC0
Yes
10
Terminal Configuration and Functions
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com