Electronic Components Datasheet Search
  English  ▼

X  

MAX652EPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX652EPA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652EPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX652EPA Datasheet HTML 7Page - Maxim Integrated Products MAX652EPA Datasheet HTML 8Page - Maxim Integrated Products MAX652EPA Datasheet HTML 9Page - Maxim Integrated Products MAX652EPA Datasheet HTML 10Page - Maxim Integrated Products MAX652EPA Datasheet HTML 11Page - Maxim Integrated Products MAX652EPA Datasheet HTML 12Page - Maxim Integrated Products MAX652EPA Datasheet HTML 13Page - Maxim Integrated Products MAX652EPA Datasheet HTML 14Page - Maxim Integrated Products MAX652EPA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
______________________________________________________________________________________
11
Standard wire-wound and metal-film resistors have an
inductance high enough to degrade performance.
Surface-mount (chip) resistors have very little induc-
tance and are well suited for use as current-sense
resistors. A wire resistor made by IRC works well in
through-hole applications. Because this resistor is a
band of metal shaped as a “U”, its inductance is less
than 10nH (an order of magnitude less than metal film
resistors). Resistance values between 5m
Ω and 0.1Ω
are available (see Table 1).
Inductor Selection
Practical inductor values range from 10µH to 50µH or more.
The circuit operates in discontinuous-conduction mode if:
VOUT x (R + 1)
VD
V+
≤ ———————— + —— + VSW
RR
R, the switch on-time/off-time ratio, equals 6.7. VD is the
diode’s drop, and VSW is the voltage drop across the
P-channel FET. To get the full output capability in
discontinuous-conduction mode, choose an inductor
value no larger than:
RSENSE x 12µs x (V+ - VSW - VOUT)
L(max) = —————————————————
VCS
where VCS is the current-sense voltage.
In both the continuous and discontinuous modes, the
lower limit of the inductor is more important. With a
small inductor value, the current rises faster and over-
shoots the desired peak current limit because the cur-
rent-limit comparator cannot respond fast enough. This
reduces efficiency slightly and, more importantly, could
cause the current rating of the external components
to be exceeded. Calculate the minimum inductor value
as follows:
(V+(max) - VSW - VOUT) x 0.3µs
L(min) = ————————————––——
∆I x ILIM(min)
where
∆I is the percentage of inductor-current over-
shoot, where ILIM = VCS/RSENSE and 0.3µs is the time
it takes the comparator to switch. An overshoot of 10%
is usually not a problem. Inductance values above the
minimum work well if the maximum value defined above
is not exceeded. Smaller inductance values cause
higher output ripple because of overshoot. Larger val-
ues tend to produce physically larger coils.
For highest efficiency, use a coil with low DC resis-
tance; a value smaller than 0.1V/ILIM works best. To
minimize radiated noise, use a toroid, pot core, or
shielded-bobbin inductor. Inductors with a ferrite core
or equivalent are recommended. Make sure the induc-
tor’s saturation-current rating is greater than ILIM(max).
However, it is generally acceptable to bias the inductor
into saturation by about 20% (the point where the
inductance is 20% below its nominal value).
The peak current of Figure 1 is 2.35A for a 1.5A output.
The inductor used in this circuit is specified to drop by
10% at 2.2A (worst case); a curve provided by the
manufacturer shows that the inductance typically drops
by 20% at 3.1A. Using a slightly underrated inductor
can sometimes reduce size and cost, with only a minor
impact on efficiency. The MAX649/MAX651/MAX652
current limit prevents any damage from an underrated
inductor’s low inductance at high currents.
Table 1 lists inductor types and suppliers for various
applications. The efficiencies of the listed surface-
mount inductors are nearly equivalent to those of the
larger size through-hole versions.
Diode Selection
The MAX649/MAX651/MAX652’s high switching fre-
quency demands a high-speed rectifier (commonly
called a catch diode when used in switching-regulator
circuits). Schottky diodes, such as the 1N5817 through
1N5822 families (and their surface-mount equivalents),
are recommended. Choose a diode with an average
current rating equal to or greater than ILIM(max) and a
voltage rating higher than V+(max). For high-tempera-
ture applications, where Schottky diodes can be
inadequate because of high leakage currents, use
high-speed silicon diodes instead. At heavy loads and
high temperatures, the disadvantages of a Schottky
diode’s high leakage current may outweigh the benefits
of its low forward voltage. Table 1 lists diode types and
suppliers for various applications.
External Switching Transistor
The MAX649/MAX651/MAX652 drive P-channel
enhancement-mode MOSFET transistors only. The
choice of power transistor is primarily dictated by the
input voltage and the peak current. The transistor's
on-resistance, gate-source threshold, and gate
capacitance must also be appropriately chosen. The
drain-to-source and gate-to-source breakdown voltage
ratings must be greater than V+. The total gate-charge
specification is normally not critical, but values should
be less than 100nC for best efficiency. The MOSFET
should be capable of handling the peak current and,
for maximum efficiency, have a very low on-resistance
at that current. Also, the on-resistance must be low for
the minimum available VGS, which equals V+(min).
Select a transistor with an on-resistance between 50%
and 100% of the current-sense resistor. The Si9430
transistor chosen for the
Typical Operating Circuit has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com