Electronic Components Datasheet Search
  English  ▼

X  

MAX652EPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX652EPA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652EPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX652EPA Datasheet HTML 2Page - Maxim Integrated Products MAX652EPA Datasheet HTML 3Page - Maxim Integrated Products MAX652EPA Datasheet HTML 4Page - Maxim Integrated Products MAX652EPA Datasheet HTML 5Page - Maxim Integrated Products MAX652EPA Datasheet HTML 6Page - Maxim Integrated Products MAX652EPA Datasheet HTML 7Page - Maxim Integrated Products MAX652EPA Datasheet HTML 8Page - Maxim Integrated Products MAX652EPA Datasheet HTML 9Page - Maxim Integrated Products MAX652EPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
6
_______________________________________________________________________________________
MAX649
LINE-TRANSIENT RESPONSE
250
µs/div
A
B
ILOAD = 1A
A: INPUT VOLTAGE (7V & 12V), 5V/div
B: 5V OUT, AC COUPLED, 100mV/div
_____________________________Typical Operating Characteristics (continued)
MAX649
LOAD-TRANSIENT RESPONSE
250
µs/div
A
B
A: LOAD CURRENT (100mA & 1A), 500mA/div
B: 5V OUTPUT VOLTAGE, AC COUPLED, 50mV/div
______________________________________________________________Pin Description
Positive power-supply input
V+
5
CS
6
Gate drive for external P-channel MOSFET. EXT swings between V+ and GND.
EXT
7
Ground
GND
8
1.5V reference output that can source 100µA. Bypass with 0.1µF.
REF
4
SHDN
3
PIN
FB
2
OUT
1
FUNCTION
NAME
Sense input for fixed 5V, 3.3V, or 3V output operation. OUT is internally connected to the on-chip voltage divider.
Although it is connected to the output of the circuit, the OUT pin does not supply current.
Feedback input. Connect to GND for fixed-output operation. Connect a resistor divider between OUT, FB,
and GND for adjustable-output operation. See
Setting the Output Voltage section.
Active-high TTL/CMOS logic-level input. Part is placed in shutdown when SHDN is driven high. In shutdown mode,
the reference and the external MOSFET are turned off, and OUT = 0V. Connect to GND for normal operation.
Current-sense input. Connect current-sense resistor between V+ and CS. When the voltage across the
resistor equals the current-limit trip level, the external MOSFET is turned off.
MAX649
SHUTDOWN RESPONSE TIME
1ms/div
A
B
ILOAD = 1A
A: SHDN INPUT VOLTAGE (0V & 5V), 2V/div
B: 5V OUTPUT VOLTAGE, 2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com