Electronic Components Datasheet Search
  English  ▼

X  

MAX652 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX652
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX652 Datasheet HTML 1Page - Maxim Integrated Products MAX652 Datasheet HTML 2Page - Maxim Integrated Products MAX652 Datasheet HTML 3Page - Maxim Integrated Products MAX652 Datasheet HTML 4Page - Maxim Integrated Products MAX652 Datasheet HTML 5Page - Maxim Integrated Products MAX652 Datasheet HTML 6Page - Maxim Integrated Products MAX652 Datasheet HTML 7Page - Maxim Integrated Products MAX652 Datasheet HTML 8Page - Maxim Integrated Products MAX652 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX649/MAX651/MAX652 BiCMOS, step-down DC-
DC switching controllers provide high efficiency over
three decades of load current. A unique, current-limited
pulse-frequency-modulated (PFM) control scheme gives
these devices the benefits of pulse-width-modulation
(PWM) converters (high efficiency at heavy loads), while
using only 100µA of supply current (vs. 2mA to 10mA for
PWM converters). The result is high efficiency over loads
ranging from 10mA to more than 2.5A.
These devices use miniature external components.
Their high switching frequency (up to 300kHz) allows
for less than 9mm diameter surface-mount inductors.
The MAX649/MAX651/MAX652 have dropout voltages
less than 1V and accept input voltages up to 16.5V.
Output voltages are preset at 5V (MAX649), 3.3V
(MAX651), and 3V (MAX652). These controllers can
also be adjusted to any voltage from 1.5V to the input
voltage by using two resistors.
These step-down controllers drive external P-channel
MOSFETs at loads greater than 10W. If less power is
required, use the MAX639/MAX640/MAX653 step-down
converters with on-chip FETs, which allow up to a
225mA load current.
________________________Applications
5V-to-3.3V Green PC Applications
High-Efficiency Step-Down Regulation
Minimum-Component DC-DC Converters
Battery-Powered Applications
____________________________Features
o More than 90% Efficiency (10mA to 1.5A Loads)
o More than 12.5W Output Power
o 100µA Max Quiescent Supply Current
o 5µA Max Shutdown Supply Current
o Less than 1.0V Dropout Voltage
o 16.5V Max Input Voltage
o 5V (MAX649), 3.3V (MAX651), 3V (MAX652),
or Adjustable Output Voltage
o Current-Limited Control Scheme
o Up to 300kHz Switching Frequency
______________Ordering Information
Ordering Information continued at end of data sheet.
* Dice are tested at TA = +25°C.
**Contact factory for availability and processing to MIL-STD-883.
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
GND
EXT
CS
V+
REF
SHDN
FB
OUT
DIP/SO
TOP VIEW
MAX649
MAX651
MAX652
__________________Pin Configuration
__________Typical Operating Circuit
19-0225; Rev 3; 9/97
PART
TEMP. RANGE
PIN-PACKAGE
MAX649CPA
0°C to +70°C
8 Plastic DIP
MAX649CSA
0°C to +70°C
8 SO
MAX649C/D
0°C to +70°C
Dice*
MAX649EPA
-40°C to +85°C
8 Plastic DIP
MAX649ESA
-40°C to +85°C
8 SO
MAX649MJA
-55°C to +125°C
8 CERDIP**
MAX651
V+
CS
SHDN
FB
GND
ON/OFF
P
EXT
REF
OUT
OUTPUT
3.3V
INPUT
4V TO 16.5V
EVALUATION
KIT
AVAILABLE
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX652

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX652 MAXIM-MAX652 Datasheet
87Kb / 4P
provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520 Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
MAX6520EUR-T MAXIM-MAX6520EUR-T Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520EUR-T MAXIM-MAX6520EUR-T Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results

Similar Description - MAX652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ5Z3 SEMTECH-EZ5Z3 Datasheet
137Kb / 5P
1A 5V to 3.3V or Adjustable Output EZ DROPPER
EZ5Z3L SEMTECH-EZ5Z3L Datasheet
149Kb / 5P
250mA 5V to 3.3V or Adjustable Output EZ DROPPER?
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX25206EVKIT MAXIM-MAX25206EVKIT Datasheet
792Kb / 7P
Output Voltage: 5V or 3.3V Fixed or Adjustable between 0.7V to 20V
Rev 2; 1/21
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com