Electronic Components Datasheet Search
  English  ▼

X  

MAX652 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX652
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX652 Datasheet HTML 6Page - Maxim Integrated Products MAX652 Datasheet HTML 7Page - Maxim Integrated Products MAX652 Datasheet HTML 8Page - Maxim Integrated Products MAX652 Datasheet HTML 9Page - Maxim Integrated Products MAX652 Datasheet HTML 10Page - Maxim Integrated Products MAX652 Datasheet HTML 11Page - Maxim Integrated Products MAX652 Datasheet HTML 12Page - Maxim Integrated Products MAX652 Datasheet HTML 13Page - Maxim Integrated Products MAX652 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
__________________Design Procedure
Setting the Output Voltage
The MAX649/MAX651/MAX652 are preset for 5V, 3.3V,
and 3V output voltages, respectively. Tie FB to GND
for fixed-output operation. They may also be adjusted
from 1.5V (the reference voltage) to the input voltage,
using external resistors R2 and R3 configured as
shown in Figure 4. For adjustable-output operation,
150k
Ω is recommended for resistor R3. 150kΩ is a
good value—high enough to avoid wasting energy, yet
low enough to avoid RC delays caused by parasitic
capacitance at FB. R2 is given by:
VOUT
R2 = R3 x
[——— -1]
VREF
where VREF = 1.5V.
When using external resistors, it does no harm to con-
nect OUT and the output together, or to leave OUT
unconnected.
Current-Sense Resistor Selection
The current-sense resistor limits the peak switch cur-
rent to 210mV/RSENSE, where RSENSE is the value of
the current-sense resistor, and 210mV is the current-
limit trip level (see
Electrical Characteristics).
To maximize efficiency and reduce the size and cost
of external components, minimize the peak current.
However, since the available output current is a func-
tion of the peak current, the peak current must not
be too low.
To choose the proper current-sense resistor for a par-
ticular output voltage, determine the minimum input
voltage and the maximum load current. Next, referring
to Figures 5a, 5b, or 5c, using the minimum input volt-
age, find the curve with the largest sense resistor that
provides sufficient output current. It is not necessary
to perform worst-case calculations. These curves take
into account the worst-case values for sense resistor
(±5%), inductor (22µH ±10%), diode drop (0.6V), and
the IC’s current-sense trip level; an external MOSFET
on-resistance of 0.13
Ω is assumed for VGS = -4.5V.
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
10
______________________________________________________________________________________
3.0
0
2.5
2.0
16
INPUT VOLTAGE (V)
14
13
15
0.5
1.0
1.5
12
MAX651
VOUT = 3.3V
10
911
8
6
57
4
3
RS = 0.06Ω
RS = 0.07Ω
RS = 0.08Ω
RS = 0.10Ω
RS = 0.12Ω
RS = 0.14Ω
Figure 5b. MAX651 Current-Sense Resistor Graph
3.0
0
2.5
2.0
16
INPUT VOLTAGE (V)
14
13
15
0.5
1.0
1.5
12
MAX652
VOUT = 3.0V
10
911
8
6
57
4
3
RS = 0.06Ω
RS = 0.07Ω
RS = 0.08Ω
RS = 0.10Ω
RS = 0.12Ω
RS = 0.14Ω
Figure 5c. MAX652 Current-Sense Resistor Graph
3.0
0
2.0
2.5
916
INPUT VOLTAGE (V)
712
10 11
813
0.5
1.0
1.5
6
15
14
45
3
MAX649
VOUT = 5V
RS = 0.06Ω
RS = 0.07Ω
RS = 0.08Ω
RS = 0.10Ω
RS = 0.12Ω
RS = 0.14Ω
Figure 5a. MAX649 Current-Sense Resistor Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com