Electronic Components Datasheet Search
  English  ▼

X  

MAX6653 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6653
Description  Temperature Monitors and PWM Fan Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6653 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6653 Datasheet HTML 9Page - Maxim Integrated Products MAX6653 Datasheet HTML 10Page - Maxim Integrated Products MAX6653 Datasheet HTML 11Page - Maxim Integrated Products MAX6653 Datasheet HTML 12Page - Maxim Integrated Products MAX6653 Datasheet HTML 13Page - Maxim Integrated Products MAX6653 Datasheet HTML 14Page - Maxim Integrated Products MAX6653 Datasheet HTML 15Page - Maxim Integrated Products MAX6653 Datasheet HTML 16Page - Maxim Integrated Products MAX6653 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Temperature Monitors and
PWM Fan Controllers
______________________________________________________________________________________
13
Figure 5 shows a schematic using a current-sensing
resistor and a coupling capacitor to derive the
tachometer information from the power-supply current
of a 2-wire fan. This circuit allows the speed of a 2-wire
fan to be measured even though the fan has no
tachometer signal output. The sensing resistor,
RSENSE, converts the fan commutation pulses into a
voltage and this voltage is AC-coupled into the
TACH/AIN input through coupling capacitor C1. The
value of RSENSE is on the order of 1
Ω to 5Ω, depending
on the fan, and the value of the coupling capacitor C1
is 0.01µF. When using this method, set bit 2 of configu-
ration register 1 to 1.
Fan-Fault Detection
The FAN_FAULT output is used to indicate fan slow
down or failure. POR disables the FAN_FAULT output
on the MAX6653/MAX6663. POR enables FAN_FAULT
output on the MAX6664. If FAN_FAULT is not enabled,
writing a logic 1 to bit 4 of configuration register 1 (00h)
enables the FAN_FAULT output pin. Either under-
speed or stalled fans are detected as fan faults.
FAN_FAULT is asserted low only when five consecutive
interrupts are generated by the MAX6653/MAX6663/
MAX6664s’ INT due to fan faults. The MAX6653/
MAX6664 apply 100% duty cycle for the duration of the
spin-up time once an INT is asserted. The MAX6663
goes to 100% duty cycle for the duration of the spin-up
time once INT is asserted and status register 1 is read.
Fan-fault detection works by comparing the value of the
fan tachometer high-limit register (10h) with the value of
the fan-speed reading register (08h), which contains the
value of the most recent fan-speed measurement. Note
that the value of the fan-speed reading register (08h)
must exceed the value of the fan tachometer high limit
(10h) by 1 in order to qualify as a fault. The fault gener-
ates an interrupt signal by asserting the INT output, but
does not cause the FAN_FAULT output to assert until five
consecutive failures have been detected. The fan runs at
100% duty cycle when five consecutive failures have
been detected, whether FAN_FAULT is enabled or not.
As an example of the function of the fan-fault detection,
assume a fan is stalled or under speed. The MAX6663 ini-
tially indicates the failure by generating an interrupt on the
INT pin. The fan fault bit (bit 1) of interrupt status register
1 (02h) is also set to 1. Once the processor has acknowl-
edged the INT by reading status register 1, the INT is
cleared. PWM_OUT is then brought high for a 2s (fan
spin-up default, Table 12) spin-up period to restart the
fan. Subsequent fan failures cause INT to be reasserted
and PWM_OUT to be brought high (following a status
register 1 read) for a spin-up period each time to restart
the fan. Once the fifth tachometer failure occurs, the
FAN_FAULT is asserted to indicate a critical fan failure.
A MAX6653/MAX6664 example is somewhat simpler.
Again assume the fan is stalled or under speed. The
MAX6653/MAX6664 initially indicate the failure by gener-
ating an interrupt on the INT pin. The fan fault bit of the
interrupt status register is set to 1. PWM_OUT goes high
for the programmed spin-up time (2s default) to restart
the fan. Each subsequent fan failure causes another spin-
up. Once the fifth tachometer failure occurs, the
FAN_FAULT output is asserted (if enabled) and the PWM
output is driven to 100%.
When the FAN_FAULT output is disabled (register 00h,
bit 4), spin-ups are still attempted whenever the tach
count is greater than the value in the fan tachometer
high-limit register (10h). If fan faults and their associat-
ed spin-ups are not desired, the fan tachometer high-
limit register (10h) to FF. This prevents the tach count
from ever exceeding the limit and faults are not detect-
ed. Simply disabling the tachometer input (register 01h,
bit 2) leaves the fan fault function enabled and can
result in fan faults.
Figure 5. Using the MAX6653/MAX6663/MAX6664 with a
2-Wire Fan
100
Ω
(TYP)
RSENSE
MAX6653
MAX6663
MAX6664
N
3.3V
5V
C1
PWM_OUT
TACH/AIN
2
Ω
NDT3055L
2-WIRE
FAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com