Electronic Components Datasheet Search
  English  ▼

X  

MAX6653 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6653
Description  Temperature Monitors and PWM Fan Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6653 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6653 Datasheet HTML 16Page - Maxim Integrated Products MAX6653 Datasheet HTML 17Page - Maxim Integrated Products MAX6653 Datasheet HTML 18Page - Maxim Integrated Products MAX6653 Datasheet HTML 19Page - Maxim Integrated Products MAX6653 Datasheet HTML 20Page - Maxim Integrated Products MAX6653 Datasheet HTML 21Page - Maxim Integrated Products MAX6653 Datasheet HTML 22Page - Maxim Integrated Products MAX6653 Datasheet HTML 23Page - Maxim Integrated Products MAX6653 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Temperature Monitors and
PWM Fan Controllers
______________________________________________________________________________________
21
the highest expected temperature must be greater than
0.25V at 10µA, and at the lowest expected tempera-
ture, the forward voltage must be less than 0.95V at
100µA. Large power transistors must not be used. Also,
ensure that the base resistance is less than 100
Ω. Tight
specifications for forward current gain (50 < ß <150, for
example) indicate that the manufacturer has good
process controls and that the devices have consistent
VBE characteristics.
Manufacturers of discrete transistors do not normally
specify or guarantee ideality factor. This is normally not
a problem since good-quality discrete transistors tend
to have ideality factors that fall within a relatively narrow
range. We have observed variations in remote tempera-
ture readings of less than ±2°C with a variety of dis-
crete transistors. Still, it is sound design practice to
verify good consistency of temperature readings with
several discrete transistors from any manufacturer
under consideration.
16
1
2
3
4
5
6
PWM_OUT
SMBCLK
MAX6653
TACH/AIN
CRIT0
VCC
CRIT1
+3.3V
10k
Ω
10k
Ω
10k
Ω
NDT3055L
THERM SIGNAL
TO THROTTLE
CPU CLOCK
FAN _FAULT
TO SIGNAL
FAN-FAILURE
CONDITION
10k
Ω
+3.3V
+3.3V
3-WIRE
FAN
+5V
+3.3V
+3.3V
GND
THERM
FAN_FAULT
7
8
15
SMBDATA
10k
Ω
2.2k
Ω
2.2k
Ω
+3.3V
+3.3V
+3.3V
14
13
INT
ADD
10k
Ω
2.2nF
CPU
SYSTEM
SHUTDOWN
INTERRUPT
TO
µC
CLOCK
DATA
+3.3V
12
SDR
11
SDL
10
DXP
9
DXN
Typical Operating Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com