Electronic Components Datasheet Search
  English  ▼

X  

MAX6321 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6321
Description  5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6321 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6321 Datasheet HTML 8Page - Maxim Integrated Products MAX6321 Datasheet HTML 9Page - Maxim Integrated Products MAX6321 Datasheet HTML 10Page - Maxim Integrated Products MAX6321 Datasheet HTML 11Page - Maxim Integrated Products MAX6321 Datasheet HTML 12Page - Maxim Integrated Products MAX6321 Datasheet HTML 13Page - Maxim Integrated Products MAX6321 Datasheet HTML 14Page - Maxim Integrated Products MAX6321 Datasheet HTML 15Page - Maxim Integrated Products MAX6321 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 3. Reset/Watchdog Timeout Periods
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
______________________________________________________________________________________
13
__Ordering Information (continued)
Note:
These devices are available with factory-set VCC reset
thresholds from 2.5V to 5V, in 0.1V increments. Insert the
desired nominal reset threshold (25 to 50, from Table 1) into the
blanks following the letters UK. All devices offer factory-pro-
grammed reset timeout periods. Insert the letter corresponding
to the desired reset timeout period (A, B, C, or D from Table 3)
into the blank following the reset threshold suffix. Parts that offer
a watchdog feature (see Selector Guide) are factory-trimmed to
one of four watchdog timeout periods. Insert the letter corre-
sponding to the desired watchdog timeout period (W, X, Y, or Z
from Table 3) into the blank following the reset timeout suffix.
PART
MAX6319LHUK____-T
MAX6319MHUK____-T
MAX6320PUK____-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
5 SOT23-5
5 SOT23-5
5 SOT23-5
MAX6321HPUK____-T
-40°C to +85°C
5 SOT23-5
MAX6322HPUK____-T
-40°C to +85°C
5 SOT23-5
W
4.3
6.3
9.3
ms
X
71
102
153
Y
1.12
1.6
2.4
Z
17.9
25.6
38.4
sec
RESET TIMEOUT PERIODS
WATCHDOG TIMEOUT
TRANSISTOR COUNT: 191
SUBSTRATE IS INTERNALLY CONNECTED TO V+
Chip Information
sec
2.24
1.60
1.12
D
280
200
140
C
40
30
20
B
2
1.6
1
A
UNITS
MAX
TYP
MIN
SUFFIX
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com