Electronic Components Datasheet Search
  English  ▼

X  

MAX6684ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6684ESA
Description  Fan-Failure Detector with Integrated Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6684ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6684ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Fan-Failure Detector with Integrated
Power Switch
_______________________________________________________________________________________
3
RDSON vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.4
0.8
1.2
1.6
2.0
0
-40
85
VCC = 3V
ISENSE = 300mA
VCC = 5.5V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
225
250
275
300
200
-40
85
VCC = 3V
NO LOAD
VCC = 5.5V
OVERCURRENT OPERATION
20ms/div
0
0A
ISENSE
500mA/div
VFAIL
5V/div
VSENSE
2V/div
0
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
SENSE
Positive Current-Sensing Terminal. Connect SENSE to low side of fan.
2
FAIL
Active-Low, Open-Drain Fan-Failure Output
3
GND
Ground
4
FC-
Connect to 0.1µF capacitor for most locked-rotor detection applications. To detect minimum speed,
select CF according to Minimum Speed and Locked-Rotor Detection.
5
FC+
Connect to 0.1µF capacitor for most locked-rotor detection applications. To detect minimum speed,
select CF according to Minimum Speed and Locked-Rotor Detection.
6VCC
Supply Voltage Input. Bypass VCC to GND with a 1µF capacitor.
7
OFF
Active-Low Fan-Control Input. Drive OFF high or leave floating to turn fan on. Drive OFF low to turn fan off.
8
PGND
Power Ground. Connect to GND.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com