Electronic Components Datasheet Search
  English  ▼

X  

MAX6684ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6684ESA
Description  Fan-Failure Detector with Integrated Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6684ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6684ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6684ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Detailed Description
The MAX6684 detects fan failure in brushless DC fans.
This device is especially well suited for critical systems
where no fan control is desired. No software is neces-
sary to control the MAX6684.
Fan-Failure Detection
Fan failure is determined based on the fan current
observed at SENSE. The current observed at SENSE is
converted to a voltage, VFAN, and highpass filtered by
the capacitor, CF, from FC+ to FC- (Figure 1).
Fan-Failure Detector with Integrated
Power Switch
4
_______________________________________________________________________________________
FC-
BLANK
NOISE
SQ
R
CURRENT-SENSE AND
CURRENT-LIMITING
CIRCUIT
OFF
FC+
LATCH
COMP
8.2kHz 8Hz
OSCILLATOR
FAULT-
DETECTION
DELAY
VCC
SENSE
GND
PGND
FAIL
VFAN
70mV
CF
MAX6684
Figure 1. MAX6684 Functional Diagram
NORMAL
FAN OPERATION
UNDERCURRENT*
UNDERCURRENT*
NORMAL
CURRENT
OVERCURRENT
NO THERMAL
SHUTDOWN
THERMAL
SHUTDOWN
OVERCURRENT
OVERCURRENT
OVERCURRENT
OVERCURRENT
*INVALID COMMUTATION CURRENT
NOTE: A THERMAL SHUTDOWN CONDITION OVERIDES ALL OTHER CONDITIONS,
IMMEDIATELY SHUTTING THE FAN OFF AND SIGNALING FAIL.
THERMAL SHUTDOWN
THERMAL SHUTDOWN
NORMAL
CURRENT
FAN ON,
FAIL HIGH
2ms DELAY
FAN ON,
FAIL LOW
FAN OFF,
FAIL LOW
2ms DELAY
1s DELAY
60ms DELAY
NORMAL
CURRENT
Figure 2. MAX6684 State Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com