Electronic Components Datasheet Search
  English  ▼

X  

MAX6513 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6513
Description  Low-Cost, Remote SOT Temperature Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6513 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6513 Datasheet HTML 1Page - Maxim Integrated Products MAX6513 Datasheet HTML 2Page - Maxim Integrated Products MAX6513 Datasheet HTML 3Page - Maxim Integrated Products MAX6513 Datasheet HTML 4Page - Maxim Integrated Products MAX6513 Datasheet HTML 5Page - Maxim Integrated Products MAX6513 Datasheet HTML 6Page - Maxim Integrated Products MAX6513 Datasheet HTML 7Page - Maxim Integrated Products MAX6513 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6511/MAX6512/MAX6513 are fully integrated,
remote temperature switches that use an external P-N
junction (typically a diode-connected transistor) as the
sensing element to measure the remote temperature.
These devices assert a logic signal when the tempera-
ture crosses a factory-programmed threshold. Available
trip thresholds are from +45°C to +125°C in 10°C incre-
ments. Accuracy is within ±3°C (TA = -5°C to +55°C) or
±5°C (TA = -40°C to +85°C). Hysteresis is pin selec-
table to 5°C or 10°C.
The MAX6511 has an active-low CMOS output and the
MAX6513 has an active-high CMOS output. The
MAX6512 has an open-drain output. The output is
asserted when the temperature exceeds the threshold
value. The active-low open-drain output is intended to
interface with a microprocessor (µP) reset or interrupt
input. The active-high CMOS output can directly drive a
power FET to control a cooling fan.
The MAX6511/MAX6512/MAX6513 operate from a
+3.0V to +5.5V supply and typically consume 400µA of
supply current. They are available in the small 6-pin
SOT23. The MAX6513 is also available in a 6-pin lead-
free TDFN package.
________________________Applications
CPU Temperature Monitoring in High-Speed
Computers
Multichip Modules
Battery Packs
Temperature Control
Temperature Alarms
Fan Control
Features
♦ Continuously Measure External Junction
Temperature
♦ Factory-Programmed Temperature Threshold from
+45°C to +125°C in 10°C Increments
♦ Insensitive to Series Parasitic Resistance
♦ Active-Low CMOS Output (MAX6511) or Open-Drain
Output for Overtemperature Alarm (MAX6512) or
Active-High Output (MAX6513) for Direct Fan Control
♦ <100ms Response Time
♦ Accuracy
±3°C (TREMOTE = +45°C to +125°C, TA = -5°C to +55°C)
±5°C (TREMOTE = +45°C to +125°C, TA = -40°C to +85°C)
♦ Pin-Selectable 5°C or 10°C Hysteresis
♦ 400µA Average Current Consumption
♦ +3.0V to +5.5V Supply Range
♦ 6-Pin SOT23 Package
♦ 6-Pin TDFN Package (Lead Free)
Low-Cost, Remote SOT Temperature Switches
________________________________________________________________ Maxim Integrated Products
1
GND
TOVER (TOVER)
HYST
16
DXP
5
DXN
VDD
MAX6511
MAX6512
MAX6513
TOP VIEW
2
34
( ) ARE FOR MAX6513 SOT23 ONLY.
Pin Configuration
19-1819; Rev 2; 10/04
Ordering Information
*These parts are offered in nine standard temperature versions
with a minimum order of 2500 pieces. To complete the suffix
information, select an available trip point in degrees centigrade
from the device marking codes table. For example, the
MAX6511UT065-T describes a MAX6511 in a 6-pin SOT23
package with a +65°C threshold.
PART*
TEMP RANGE
PIN-
PACKAGE
OUTPUT
MAX6511UT_ _ _ -T
-40
°C to +85°C6 SOT23-6
CMOS
(active low)
MAX6512UT_ _ _ -T
-40
°C to +85°C6 SOT23-6 Open-drain
-40
°C to +85°C 6 TDFN
MAX6513_T_ _ _ -T
-40
°C to +85°C6 SOT23-6
CMOS
(active high)
Typical Operating Circuit appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6513 MAXIM-MAX6513 Datasheet
193Kb / 6P
Low-Cost, Remote Temperature Switch
2011
MAX6513TT___+T MAXIM-MAX6513TT___+T Datasheet
193Kb / 6P
Low-Cost, Remote Temperature Switch
2011
More results

Similar Description - MAX6513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502SRJZP085RL7 AD-ADT6502SRJZP085RL7 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
logo
Maxim Integrated Produc...
MAX6513 MAXIM-MAX6513 Datasheet
193Kb / 6P
Low-Cost, Remote Temperature Switch
2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com