Electronic Components Datasheet Search
  English  ▼

X  

MAX6513 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6513
Description  Low-Cost, Remote SOT Temperature Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6513 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6513 Datasheet HTML 1Page - Maxim Integrated Products MAX6513 Datasheet HTML 2Page - Maxim Integrated Products MAX6513 Datasheet HTML 3Page - Maxim Integrated Products MAX6513 Datasheet HTML 4Page - Maxim Integrated Products MAX6513 Datasheet HTML 5Page - Maxim Integrated Products MAX6513 Datasheet HTML 6Page - Maxim Integrated Products MAX6513 Datasheet HTML 7Page - Maxim Integrated Products MAX6513 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low-Cost, Remote SOT Temperature Switches
6
_______________________________________________________________________________________
Typical Operating Circuit
TOVER (TO MICROPROCESSOR FAN
CONTROLLER, SHUTDOWN, ETC.)
3.3V
DXN
DXP
CS
HYST
µP
2
µF
MAX6511
VDD
Chip Information
TRANSISTOR COUNT: 3300
DEVICE
CODE
TEMPERATURE TRIP
THRESHOLD (°C)
MAX6511UT045
AAOA
45
MAX6511UT055
AAOB
55
MAX6511UT065
AAOC
65
MAX6511UT075
AAOD
75
MAX6511UT085
AAOE
85
MAX6511UT095
AAOF
95
MAX6511UT105
AAOG
105
MAX6511UT115
AAOH
115
MAX6511UT125
AAOI
125
MAX6512UT045
AAOJ
45
MAX6512UT055
AAOK
55
MAX6512UT065
AAOL
65
MAX6512UT075
AAOM
75
MAX6512UT085
AAON
85
MAX6512UT095
AAOO
95
MAX6512UT105
AAOP
105
MAX6512UT115
AAOQ
115
MAX6512UT125
AAOR
125
Device Marking Codes for SOT23-6 Package
DEVICE
CODE
TEMPERATURE TRIP
THRESHOLD (°C)
MAX6513UT045
AAPD
45
MAX6513UT055
AAPE
55
MAX6513UT065
AAPF
65
MAX6513UT075
AAPG
75
MAX6513UT085
AAPH
85
MAX6513UT095
AAPI
95
MAX6513UT105
AAPJ
105
MAX6513UT115
AAPK
115
MAX6513UT125
AAPL
125
MAX6513TT045
+ACU
45
MAX6513TT055
+ACV
55
MAX6513TT065
+ACW
65
MAX6513TT075
+ACX
75
MAX6513TT085
+ACY
85
MAX6513TT095
+ACZ
95
MAX6513TT105
+ADA
105
MAX6513TT115
+ADB
115
MAX6513TT125
+ADC
125



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com