Electronic Components Datasheet Search
  English  ▼

X  

US2005 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US2005
Description  FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2005 Datasheet(HTML) 3 Page - Unisonic Technologies

  US2005 Datasheet HTML 1Page - Unisonic Technologies US2005 Datasheet HTML 2Page - Unisonic Technologies US2005 Datasheet HTML 3Page - Unisonic Technologies US2005 Datasheet HTML 4Page - Unisonic Technologies US2005 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US2005
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-A04.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Enable Input Voltage
VEN
5.5
V
Flag Voltage
VFLG
5.5
V
Power Dissipation (TA=25°C)
PD
0.4
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Package Thermal Resistance
θJA
230
°C/W
RECOMMENDED OPERATING CONDITIONS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
2.5~5.5
V
Enable Input Voltage
VI(EN)
0~5.5
V
Continuous Output Current Range
0~2.1
A
Ambient Operating Temperature
TA
-40~+85
°C
ELECTRICAL CHARACTERISTICS
(VIN=5V, TAMBIENT=25°C unless specified otherwise. Bold indicates -40°C~+85°C limits.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Switch Input Voltage
VIN
2.5
5.5
V
Internal Supply Current
IIN
Switch=OFF, ENABLE=0V
1
5
μA
Internal Supply Current
IIN
Switch=ON, IOUT=0, ENABLE=1.5V
80
300
μA
Output Leakage Current
ILEAK
VIN=5V, VOUT=0V, ENABLE=0
12
100
μA
Power Switch Resistance
RDS(ON)
VIN=5V, IOUT=100mA
70
100
mΩ
125
mΩ
Current Limit: –0.5
ILIMIT
VOUT=0.8VIN to VOUT=1V
0.5
0.7
0.9
A
Current Limit: –0.8
ILIMIT
VOUT=0.8VIN to VOUT=1V
0.8
1.1
1.5
A
Current Limit: –1.2
ILIMIT
VOUT=0.8VIN to VOUT=1V
1.2
1.6
2.1
A
Secondary Current Limit
(Kickstart)
ILIMIT_2nd
VIN=2.7V
2.2
4
6
A
Under Voltage Lock Out
Threshold
UVLOTHRESHOLD
VIN Rising
2.0
2.25
25
V
VIN Falling
1.9
2.15
2.4
V
ENABLE Input Voltage
VEN
VIL(max.)
0.5
V
VIH(min)
1.5
V
ENABLE Input Current
IEN
VEN=0V~5.0V
1
5
μA
Fault Status Output Voltage
VFAULT
IOL=10mA
0.25
0.4
V
Over-Temperature Threshold
OTTHRESHOLD
TJ Increasing
145
°C
TJ Decreasing
135



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com