Electronic Components Datasheet Search
  English  ▼

X  

US2005 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2005
Description  FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2005 Datasheet(HTML) 1 Page - Unisonic Technologies

  US2005 Datasheet HTML 1Page - Unisonic Technologies US2005 Datasheet HTML 2Page - Unisonic Technologies US2005 Datasheet HTML 3Page - Unisonic Technologies US2005 Datasheet HTML 4Page - Unisonic Technologies US2005 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2005
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A04.a
FIXED CURRENT LIMIT POWER
DISTRIBUTION SWITCH
DESCRIPTION
UTC US2005 is a low voltage cost-effective high-side power switch
with current limiting function. It is particularly suitable for general
purpose power distribution and control in digital televisions (DTV),
printers, set top boxes (STB), PCs, PDAs, and other peripheral devices.
UTC US2005 contains a charge pump circuitry to drive the internal
MOSFET switch and also incorporate such protection circuits: soft-start
circuit protect these devices from being damaged by limiting inrush
current during plug-in; thermal shutdown circuit is used to prevent
catastrophic switch failure from high-current loads. UVLO is used to
ensure that the device remains off unless there is a valid input voltage
present. A flag output is designed to indicate fault conditions to the local
USB controller. Lower quiescent current as 80μA making this device
ideal for portable battery-operated equipment.
UTC US2005 allows momentary high current surges to pass
unrestricted without sacrificing overall system safety. It also allows
output slew rate limiting by an external capacitor.
FEATURES
* Built-in 80mΩ N-MOSFET
* Open-drain fault flag output to Indicate fault conditions
* Input voltage varies from 2.5V to 5.5V
* 80μA low quiescent current
* Current limit values of 0.5A, 0.8A, and 1.2A
* Automatic-on output after fault
* Thermal protection
* Under voltage lock-out (UVLO)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US2005L-AG6-R
US2005G-AG6-R
SOT-26
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
MARKING INFORMATION


Similar Part No. - US2005

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005L-AG6-R UTC-US2005L-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US2005

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
Adjustable Current Limit Power Distribution Switch
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
logo
Monolithic Power System...
MP6219 MPS-MP6219 Datasheet
715Kb / 11P
5V, 1A ??2A Programmable Current Limit Power Distribution Switch
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
80m廓,Adjustable Current Limit, Power Distribution Switch
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
2A Power Distribution Switch with ADJustable Current Limit
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com