Electronic Components Datasheet Search
  English  ▼

X  

MAX6901 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX6901
Description  I2C-Compatible RTC in a TDFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6901 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX6901 Datasheet HTML 9Page - Maxim Integrated Products MAX6901 Datasheet HTML 10Page - Maxim Integrated Products MAX6901 Datasheet HTML 11Page - Maxim Integrated Products MAX6901 Datasheet HTML 12Page - Maxim Integrated Products MAX6901 Datasheet HTML 13Page - Maxim Integrated Products MAX6901 Datasheet HTML 14Page - Maxim Integrated Products MAX6901 Datasheet HTML 15Page - Maxim Integrated Products MAX6901 Datasheet HTML 16Page - Maxim Integrated Products MAX6901 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
PROPRIETARY INFORMATION
TITLE:
APPROVAL
DOCUMENT CONTROL NO.
REV.
2
1
PACKAGE OUTLINE, 6, 8 & 10L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
21-0137
D
L
C
L
C
SEMICONDUCTOR
DALLAS
A2
A
PIN 1
INDEX
AREA
D
E
A1
D2
b
E2
[(N/2)-1] x e
REF.
e
k
1
N
1
L
e
L
A
L
PIN 1 ID
C0.35
DETAIL A
e
NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
I2C-Compatible RTC in a TDFN
16
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com