Electronic Components Datasheet Search
  English  ▼

X  

MAX6901 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6901
Description  I2C-Compatible RTC in a TDFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6901 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6901 Datasheet HTML 1Page - Maxim Integrated Products MAX6901 Datasheet HTML 2Page - Maxim Integrated Products MAX6901 Datasheet HTML 3Page - Maxim Integrated Products MAX6901 Datasheet HTML 4Page - Maxim Integrated Products MAX6901 Datasheet HTML 5Page - Maxim Integrated Products MAX6901 Datasheet HTML 6Page - Maxim Integrated Products MAX6901 Datasheet HTML 7Page - Maxim Integrated Products MAX6901 Datasheet HTML 8Page - Maxim Integrated Products MAX6901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
I2C-Compatible RTC in a TDFN
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Notes 1, 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Hold Time After (Repeated)
START Condition (After this
Period, the First Clock Is
Generated)
tHD:STA
0.6
µs
Repeated START Condition
Setup Time
tSU:STA
0.6
µs
STOP Condition Setup Time
tSU:STO
0.6
µs
Data Hold Time (Note 7)
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
SCL Low Period
tLOW
1.3
µs
SCL High Period
tHIGH
0.6
µs
Minimum SCL/SDA Rise Time
(Note 8)
tr
20 +
0.1CB
ns
Maximum SCL/SDA Rise Time
(Note 8)
tr
300
ns
Minimum SCL/SDA Fall Time
(Receiving) (Notes 8, 9)
tf
20 +
0.1CB
ns
Maximum SCL/SDA Fall Time
(Receiving) (Notes 8, 9)
tf
300
ns
Minimum SDA Fall Time
(Transmitting) (Notes 8, 9)
tf
20 +
0.1CB
ns
Maximum SDA Fall Time
(Transmitting) (Notes 8, 9)
tf
250
ns
Pulse Width of Spike Suppressed
tSP
50
ns
Capacitive Load for Each
Bus Line
CB
400
pF
Note 1: All parameters are 100% tested at TA = +25°C. Limits over temperature are guaranteed by design and not production tested.
Note 2: ICC is specified with SCL = 400kHz and SDA = 400kHz.
Note 3: ITK is specified with SCL = Logic High (4.7k
Ω pullup resistor) and SDA = Logic High (4.7kΩ pullup resistor);
I2C-compatible bus inactive.
Note 4: MAX6900 I/O pins do not obstruct the SDA and SCL lines if VCC is switched off.
Note 5: Guaranteed by design. Not subject to production testing.
Note 6: All values referred to VIH min and VIL max levels.
Note 7: The MAX6900 internally provides a hold time of at least 300ns for the SDA signal (referred to the VIH min of the SCL signal)
in order to bridge the undefined region of the falling edge of SCL.
Note 8: CB = total capacitance of one bus line in pF.
Note 9: The maximum tf for the SDA and SCL bus lines is specified at 300ns. The maximum fall time for the SDA output stage tf is
specified at 250ns. This allows series protection resistors to be connected between the SDA/SCL pins and the SDA/SCL
bus lines without exceeding the maximum specified tf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com