Electronic Components Datasheet Search
  English  ▼

X  

AMC1200B Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC1200B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200B Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC1200B Datasheet HTML 23Page - Texas Instruments AMC1200B Datasheet HTML 24Page - Texas Instruments AMC1200B Datasheet HTML 25Page - Texas Instruments AMC1200B Datasheet HTML 26Page - Texas Instruments AMC1200B Datasheet HTML 27Page - Texas Instruments AMC1200B Datasheet HTML 28Page - Texas Instruments AMC1200B Datasheet HTML 29Page - Texas Instruments AMC1200B Datasheet HTML 30Page - Texas Instruments AMC1200B Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
11.5 0.25
2.8 MAX
TYP
0.33
0.13
0 -8
6X 1.27
8X 0.51
0.31
2X
3.81
0.46
0.36
1.0
0.5
0.25
GAGE PLANE
A
NOTE 3
5.95
5.75
B
NOTE 4
7.6
7.4
(2.286)
(2)
4218796/A 09/2013
SOIC - 2.8 mm max height
DWV0008A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
1
8
0.25
C A
B
5
4
AREA
PIN 1 ID
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com