Electronic Components Datasheet Search
  English  ▼

X  

AMC1200B Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC1200B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200B Datasheet(HTML) 3 Page - Texas Instruments

  AMC1200B Datasheet HTML 1Page - Texas Instruments AMC1200B Datasheet HTML 2Page - Texas Instruments AMC1200B Datasheet HTML 3Page - Texas Instruments AMC1200B Datasheet HTML 4Page - Texas Instruments AMC1200B Datasheet HTML 5Page - Texas Instruments AMC1200B Datasheet HTML 6Page - Texas Instruments AMC1200B Datasheet HTML 7Page - Texas Instruments AMC1200B Datasheet HTML 8Page - Texas Instruments AMC1200B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
8
7
6
5
VDD2
VOUTP
VOUTN
GND2
VDD1
VINP
VINN
GND1
1
2
3
4
8
7
6
5
VDD2
VOUTP
VOUTN
GND2
VDD1
VINP
VINN
GND1
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
5 Pin Configuration and Functions
DUB Package
DWV Package
8-Pin SOP
8-Pin SOIC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VDD1
Power
High-side power supply
2
VINP
Analog input
Noninverting analog input
3
VINN
Analog input
Inverting analog input
4
GND1
Power
High-side analog ground
5
GND2
Power
Low-side analog ground
6
VOUTN
Analog output
Inverting analog output
7
VOUTP
Analog output
Noninverting analog output
8
VDD2
Power
Low-side power supply
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com