Electronic Components Datasheet Search
  English  ▼

X  

MAX6954APL Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX6954APL
Description  4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6954APL Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX6954APL Datasheet HTML 12Page - Maxim Integrated Products MAX6954APL Datasheet HTML 13Page - Maxim Integrated Products MAX6954APL Datasheet HTML 14Page - Maxim Integrated Products MAX6954APL Datasheet HTML 15Page - Maxim Integrated Products MAX6954APL Datasheet HTML 16Page - Maxim Integrated Products MAX6954APL Datasheet HTML 17Page - Maxim Integrated Products MAX6954APL Datasheet HTML 18Page - Maxim Integrated Products MAX6954APL Datasheet HTML 19Page - Maxim Integrated Products MAX6954APL Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
4-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
16
______________________________________________________________________________________
DIGIT 1
ONE COMPLETE 1.6ms MULTIPLEX CYCLE AROUND 8 DIGITS
DIGIT 0's 200
µs MULTIPLEX TIMESLOT
DIGIT 0
200
µs
DIGIT 2
DIGIT 3
DIGIT 4
DIGIT 5
DIGIT 6
DIGIT 7
START OF
NEXT CYCLE
LOW
2/16TH
1/16TH
(MIN ON)
HIGH-Z
HIGH-Z
LOW
3/16TH
HIGH-Z
LOW
4/16TH
HIGH-Z
LOW
5/16TH
HIGH-Z
LOW
6/16TH
HIGH-Z
LOW
7/16TH
HIGH-Z
LOW
8/16TH
HIGH-Z
LOW
9/16TH
HIGH-Z
LOW
10/16TH
HIGH-Z
LOW
11/16TH
HIGH-Z
LOW
12/16TH
HIGH-Z
LOW
13/16TH
HIGH-Z
LOW
14/16TH
HIGH-Z
LOW
15/16TH
HIGH-Z
LOW
15/16TH
HIGH-Z
(MAX ON)
HIGH-Z
HIGH-Z
CURRENT SOURCE ENABLED
MINIMUM 12.5
µs INTERDIGIT BLANKING INTERVAL
HIGH-Z
ANODE (LIT)
DIGIT 0 CATHODE
DRIVER INTENSITY
SETTINGS
ANODE (UNLIT)
Figure 6. Multiplex Timing Diagram (OSC = 4MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com