Electronic Components Datasheet Search
  English  ▼

X  

MAX6954APL Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6954APL
Description  4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6954APL Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6954APL Datasheet HTML 17Page - Maxim Integrated Products MAX6954APL Datasheet HTML 18Page - Maxim Integrated Products MAX6954APL Datasheet HTML 19Page - Maxim Integrated Products MAX6954APL Datasheet HTML 20Page - Maxim Integrated Products MAX6954APL Datasheet HTML 21Page - Maxim Integrated Products MAX6954APL Datasheet HTML 22Page - Maxim Integrated Products MAX6954APL Datasheet HTML 23Page - Maxim Integrated Products MAX6954APL Datasheet HTML 24Page - Maxim Integrated Products MAX6954APL Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
4-Wire Interfaced, 2.7V to 5.5V LED Display
Driver with I/O Expander and Key Scan
______________________________________________________________________________________
21
REGISTER DATA
MODE
ADDRESS
CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
14-segment or 16-segment mode, writing digit data
to use font map data with decimal place unlit
0x20 to 0x2F
0x40 to 0x4F
0x60 to 0x6F
0
Bits D6 to D0 select font characters 0 to 127
14-segment or 16-segment mode, writing digit data
to use font map data with decimal place lit
0x20 to 0x2F
0x40 to 0x4F
0x60 to 0x6F
1
Bits D6 to D0 select font characters 0 to 127
7-segment decode mode, DP unlit
0x20 to 0x2F
0x40 to 0x4F
0x60 to 0x6F
0
0
0
0
D3 to D0
7-segment decode mode, DP lit
0x20 to 0x2F
0x40 to 0x4F
0x60 to 0x6F
1
0
0
0
D3 to D0
7-segment no-decode mode
0x20 to 0x2F
0x40 to 0x4F
0x60 to 0x6F
Direct control of 8 segments
Table 9. Digit Plane Data Register Format
REGISTER DATA
MODE
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Segment Line
0x20 to 0x2F
0x40 to 0x4F
0x60 to 0x6F
dp
a
b
c
d
e
f
g
Table 10. Segment Decoding for 7-Segment Displays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com