Electronic Components Datasheet Search
  English  ▼

X  

MAX688 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX688
Description  High-Accuracy, Low-Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX688 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX688 Datasheet HTML 1Page - Maxim Integrated Products MAX688 Datasheet HTML 2Page - Maxim Integrated Products MAX688 Datasheet HTML 3Page - Maxim Integrated Products MAX688 Datasheet HTML 4Page - Maxim Integrated Products MAX688 Datasheet HTML 5Page - Maxim Integrated Products MAX688 Datasheet HTML 6Page - Maxim Integrated Products MAX688 Datasheet HTML 7Page - Maxim Integrated Products MAX688 Datasheet HTML 8Page - Maxim Integrated Products MAX688 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Accuracy, Low-Dropout
Linear Regulators
_______________________________________________________________________________________
3
Note 1: Minimum VIN for regulated VOUT depends on the characteristics of the external PNP transistor, and on the load. The refer-
ence and comparators are functional down to the minimum voltage specified, but the output may not be in regulation.
Note 2: Dropout voltage is defined as VIN - VOUT when VOUT is 50mV below its value at VIN = VNOM + 1V.
Note 3: The start-up time specification is the time taken from ON or SHDN rising to BASE sinking current. VOUT rise time is longer
and is a function of load capacitance, C2, and load resistance, RL.
Note 4: Minimum load capacitance is a function of RL. Minimum C2 = 10µF for loads up to 100mA and 1µF/10mA for higher loads.
ESR of C2 should be no larger than 1/100 of RL. Guaranteed by design.
Note 5: The nominal output voltage, VNOM, is defined under the default conditions of testing: VIN = 3.8V, IBASE = 1mA, TA = TMIN to TMAX.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.8V, SHDN = VIN (MAX688/MAX689), RB = 0Ω, C1 = 2.2µF, C2 = 10µF, C3 = 10nF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
Falling VOUT, comparators monitor VOUT
Glitch immunity
Rising SHDN, standby
→on
Shutdown
Standby
Falling VOUT, comparators monitor VOUT
On, SHDN falling
Output turns on
CONDITIONS
µs
100
PFO, SHDN Transient Rejection
mV
70
SHDN Hysteresis
0.2
VSSD
1.0
1.2
VSSY
V
1.25
VSON
SHDN Threshold Voltages
mV
110
170
VNOM -
VPFT
PFO Threshold Voltage Below
VNOM (Note 5)
mV
7
PFO Hysteresis
V
2.96
VSD
Shutdown Threshold Voltage
V
1.0
VIH
ON Threshold Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISOURCE = 50µA, part on, VIN = 2.7V
V
VOUT - 0.3
VOH
PFO Output Voltage High
ISINK = 1.2mA, VIN = 2.7V
V
0.06
0.3
VOL
PFO Output Voltage Low
Output remains off
0.2
VIL
nA
0.2
100
ON Input Leakage Current
Falling VOUT, com-
parators monitor VOUT
V
3.07
3.13
3.19
VPFT
PFO Threshold Voltage
MAX688
MAX689
2.77
2.85
2.89
V SHDN = 1.23V
nA
-25
25
SHDN Input Current
10Hz
≤ f ≤ 10kHz, ILOAD = 200mA
V PFO = 11V, V SHDN > 1.25V
ISINK = 1.2mA, VIN = 2.7V
µA
1
66
en
Output Noise Voltage
PFO Off Leakage Current
V
0.06
0.3
VOL
PFO Output Voltage Low
10Hz
≤ f ≤ 1MHz, ILOAD = 200mA
µVRMS
105
Falling VOUT, comparators monitor VOUT
mV
20
70
VPFT - VSD
Shutdown Threshold Voltage
Below VPFT
mV
7
PFO Hysteresis
MAX688/MAX689: SHDN, PFO
MAX687: ON, PFO, SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com