Electronic Components Datasheet Search
  English  ▼

X  

MAX688 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX688
Description  High-Accuracy, Low-Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX688 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX688 Datasheet HTML 1Page - Maxim Integrated Products MAX688 Datasheet HTML 2Page - Maxim Integrated Products MAX688 Datasheet HTML 3Page - Maxim Integrated Products MAX688 Datasheet HTML 4Page - Maxim Integrated Products MAX688 Datasheet HTML 5Page - Maxim Integrated Products MAX688 Datasheet HTML 6Page - Maxim Integrated Products MAX688 Datasheet HTML 7Page - Maxim Integrated Products MAX688 Datasheet HTML 8Page - Maxim Integrated Products MAX688 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Accuracy, Low-Dropout
Linear Regulators
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(Circuits of Figures 1 and 2, VIN = 5V, Q1 = FZT749, TA = +25°C, unless otherwise noted.)
3.29679
3.29904
3.29455
3.29231
3.29007
3.28783
3.30128
3.30352
3.30576
3.30800
3.31024
3.31248
3.31472
3.31696
3.31920
3.32145
0
50
100
NUMBER OF UNITS
250
200
150
MAX688
OUTPUT VOLTAGE DISTRIBUTION
3.28365
3.28722
3.29078
3.29435
3.29792
3.30149
3.30505
3.30862
3.31219
3.31576
3.31932
3.32289
0
50
100
250
200
150
MAX687
OUTPUT VOLTAGE DISTRIBUTION
NUMBER OF UNITS
2.98975
2.99150
2.99324
2.99499
2.99674
2.99848
3.00023
3.00198
3.00372
3.00547
3.00721
3.00896
3.01071
3.01245
3.01420
3.01595
0
50
100
250
200
150
MAX689
OUTPUT VOLTAGE DISTRIBUTION
NUMBER OF UNITS
7
6
5
4
3
2
1
0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
GND CURRENT vs. DROPOUT VOLTAGE
VIN - VOUT (V)
300mA LOAD
100mA LOAD
10mA LOAD
0
0.05
0.10
0.15
0.20
0.25
0.30
0
200
600
1000
1400
1800
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
Q1 = FZT749
RB = 0Ω
OBSERVE MAXIMUM POWER
DISSIPATION LIMIT OF
EXTERNAL PASS TRANSISTOR.
0
1
2
3
4
5
6
0
200
400
600
800
1000 1200
GND CURRENT
vs. LOAD CURRENT
LOAD CURRENT (mA)
7
6
5
4
3
2
1
0
08
12
34
5
7
6
GND CURRENT vs. DROPOUT VOLTAGE
VIN - VOUT (V)
300mA LOAD
100mA LOAD
10mA LOAD
146
126
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
130
128
134
132
138
136
142
144
140
TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
1.0
0
0
200
600
1000
DROPOUT VOLTAGE
vs. LOAD CURRENT
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.9
0.7
LOAD CURRENT (mA)
400
800
Q1 = 2N2907
RB = 0Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com