Electronic Components Datasheet Search
  English  ▼

X  

MAX710 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX710
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX710 Datasheet HTML 4Page - Maxim Integrated Products MAX710 Datasheet HTML 5Page - Maxim Integrated Products MAX710 Datasheet HTML 6Page - Maxim Integrated Products MAX710 Datasheet HTML 7Page - Maxim Integrated Products MAX710 Datasheet HTML 8Page - Maxim Integrated Products MAX710 Datasheet HTML 9Page - Maxim Integrated Products MAX710 Datasheet HTML 10Page - Maxim Integrated Products MAX710 Datasheet HTML 11Page - Maxim Integrated Products MAX710 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
8
_______________________________________________________________________________________
MAX710
SHDN
LX
STBY
N/E
LBO
LBI+
LBI-
REF
PGND
0.1
µF
GND
ILIM
PS
OUT
4.7
µF
100
µF
VIN = +1.8V TO +11V
100
µF
L1
3/5
MAX710
SHDN
LX
STBY
N/E
LBO
R5 = R6
(VIN - VREF)
VREF
R5 = R6 (4.08)
WHEN VREF = 1.28V
AND VIN = 6.5V
LBI+
LBI-
REF
PGND
0.1
µF
GND
ILIM
PS
OUT
R6
R5
4.7
µF
100
µF
VIN = +1.8V TO +11V
100
µF
L1
3/5
Figure 2a. High-Efficiency Operating Configuration for
VBATT < VOUT
Figure 2b. High-Efficiency Operating Configuration for
VBATT < 6.5V
In high-efficiency mode (N/E = low), the maximum
input voltage is limited to 7V. This voltage limitation is
easily overcome, however, by configuring the LBO out-
put to change modes based on input voltage, allowing
an 11V maximum input with high-efficiency configura-
tions. Four operating configurations are described in
Table 1 and in the following subsections.
Configuration 1: High Efficiency, 7V Max VIN
With N/E connected to GND, when the IC boosts, the
linear regulator operates only as a switch, with mini-
mum forward drop, until VIN > VOUT (where linear regu-
lation begins). This configuration is limited to no more
than 7V input, but provides best efficiency for battery-
only operation or low-voltage AC adapter usage.
Configuration 2: High Efficiency, VBATT < VOUT
In this configuration, N/E is driven high by LBO when
VIN > VOUT (Figure 2a). When VIN < VOUT, the IC
boosts, and the linear regulator operates as a switch,
with minimum forward drop. When VIN > VOUT, the lin-
ear regulator operates with VFV forward drop, while VPS
increases by VFV so that OUT maintains regulation. VFV
is set inside the IC to approximately 0.5V (at 5V VOUT).
When VIN is only slightly higher than VOUT, conversion
efficiency is poorer than in configuration 1, so configu-
ration 2 is most suitable when the battery voltage is less
than VOUT, but the AC adapter output is greater than
VOUT.
Up to 11V
2
Up to 11V
4
Up to 11V
3
High efficiency,
VBATT < VOUT
(Figure 2a)
Low noise
High efficiency,
11V, VBATT < 6.5V
(Figure 2b)
DESCRIPTION
High efficiency,
7V max VIN
INPUT
VOLTAGE
Up to 7V
1
NO.
LBO = N/E
LBI- = VOUT
LBI+ = VIN
N/E = PS
LBO = N/E
LBI- = REF
LBI+ = R5, R6
CONNECTIONS
N/E = GND
Table 1. Operating Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com