Electronic Components Datasheet Search
  English  ▼

X  

MAX710 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX710
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX710 Datasheet HTML 1Page - Maxim Integrated Products MAX710 Datasheet HTML 2Page - Maxim Integrated Products MAX710 Datasheet HTML 3Page - Maxim Integrated Products MAX710 Datasheet HTML 4Page - Maxim Integrated Products MAX710 Datasheet HTML 5Page - Maxim Integrated Products MAX710 Datasheet HTML 6Page - Maxim Integrated Products MAX710 Datasheet HTML 7Page - Maxim Integrated Products MAX710 Datasheet HTML 8Page - Maxim Integrated Products MAX710 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPS = 5.6V, STBY = PS, CREF = 0.1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PS, LX, OUT to GND............................................-0.3V to +11.5V
ILIM, SHDN, STBY, FB, 3/5, N/E, LBO,
LBI-, LBI+, REF to GND ...........................-0.3V to (VPS + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
REF Short Circuit to GND ...........................................Continuous
IOUT...................................................................................700mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.70mW/°C above +70°C) ..........................696mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ILIM = GND
ILIM = PS
VLX = 5.6V
MAX711, VPS = 2.7V
MAX710, VPS = 3.7V
VSTBY = 0V, linear regulator
VPS = 5.6V
FB = 1.25V
TA = -40°C to +85°C, IREF = 0
TA = 0°C to +85°C, IREF = 0
MAX711
VSTBY = VSHDN = logic high, current measured
into PS pin; ILOAD = 0
VSTBY = 0V
VSHDN = 0V
MAX711, OUT = FB
CONDITIONS
A
1.1
1.5
1.95
LX Current Limit
0.5
0.8
1.3
µA
0.1
1
LX Leakage Current
Ω
0.6
1.2
LX On-Resistance
0.3
0.9
0.2
0.6
nA
1
50
FB Input Current
mV
1.18
1.25
1.31
FB Voltage
V
0.9
Full Load Start-Up Voltage
1.20
1.25
1.29
mA
10
Standby Output Current
V
1.23
1.28
1.32
Reference Voltage
1.24
1.28
1.31
V
FB
5.5
Output Voltage-Adjustment Range
µA
100
140
Quiescent Current
µA
7
16
Standby Quiescent Current
µA
0.1
5
Shutdown Quiescent Current
UNITS
MIN
TYP
MAX
PARAMETER
TA = 0°C to +85°C
TA = -40°C to +85°C
0mA
≤ ILOAD
≤ 250mA
MAX711, OUT = FB
%
0.1
1
Load Regulation
3/5 = low,
IOUT = 0 to 250mA
V
4.8
5.0
5.2
TA = 0°C to +85°C
4.6
5.0
5.3
TA = -40°C to +85°C
3/5 = high, IOUT = 0 to
250mA, VPS = 4.7V
3.17
3.3
3.43
TA = 0°C to +85°C
3.05
3.3
3.55
TA = -40°C to +85°C
Output Voltage (MAX710)
0 < IOUT < 250mA, STBY = PS
%
0.5
Output Voltage Load Regulation
STBY = PS, 1.8V to 5V
%/V
0.3
Output Voltage Line Regulation
N/E = GND (Note 2)
N/E = PS
V
1.8
7.0
1.8
11.0
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com