Electronic Components Datasheet Search
  English  ▼

X  

MAX710C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX710C/D
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX710C/D Datasheet HTML 4Page - Maxim Integrated Products MAX710C/D Datasheet HTML 5Page - Maxim Integrated Products MAX710C/D Datasheet HTML 6Page - Maxim Integrated Products MAX710C/D Datasheet HTML 7Page - Maxim Integrated Products MAX710C/D Datasheet HTML 8Page - Maxim Integrated Products MAX710C/D Datasheet HTML 9Page - Maxim Integrated Products MAX710C/D Datasheet HTML 10Page - Maxim Integrated Products MAX710C/D Datasheet HTML 11Page - Maxim Integrated Products MAX710C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
_______________________________________________________________________________________
9
Configuration 3: High Efficiency, 11V, VBATT < 6.5V
In this configuration, N/E is driven high by LBO when
VIN > 6.5V (Figure 2b). When VIN < VOUT, the IC
boosts, and the linear regulator operates as a switch,
with minimum forward drop. When VIN > VOUT, linear
regulation begins. When VIN > 6.5V (set by R5 and R6),
the linear regulator forces a minimum forward drop of
VFV (typically 0.5V at 5V VOUT) as LBO drives N/E high.
This transition is not seen at the output, since the linear
regulator already has an input-output voltage difference
of 6.5V - 5V. Efficiency with VIN slightly higher than
VOUT is equal to that of configuration 1, so configura-
tion 3 is most suitable when the battery voltage may be
near VOUT. This hookup has no functional shortcomings
compared with configuration 2, except that two addi-
tional resistors (R5 and R6) are needed.
Configuration 4: Low Noise
With N/E connected to PS, when the IC is boosting, the
linear regulator operates with VFV forward voltage (typi-
cally 0.5V at 5V VOUT) for optimum noise rejection.
Linear regulation occurs when VIN > VOUT + VFV. The
VFV voltage differential results in boost efficiency typi-
cally 10% lower than with the high-efficiency configura-
tions.
ILIM
The current-limit-select input, ILIM, selects between the
two peak current limits: 1.5A (ILIM = GND) and 0.8A
(ILIM = PS). If the application requires 200mA or less
from the MAX710/MAX711, select 0.8A. The lower peak
current limit permits the use of smaller, low-cost induc-
tors. The ILIM input is internally diode clamped to GND
and PS, and should not be connected to signals out-
side this range.
Shutdown and Standby Modes
Grounding SHDN turns off the MAX710/MAX711 com-
pletely, disconnecting the input from the output. Tie
SHDN to PS for normal operation.
The MAX710/MAX711 have a standby mode that shuts
down the step-up converter. The linear regulator
remains on with a 7µA (typ) LDO quiescent current.
Connect STBY to ground to enter standby mode; other-
wise, connect STBY to PS.
__________________Design Procedure
Output Voltage Selection
For the MAX710, you can obtain a 3.3V or 5V output
voltage by tying 3/5 to GND or PS. Efficiency is typically
85% over a 2mA to 250mA load range. The device is
bootstrapped, with power derived from the step-up
voltage output (at PS). Under all load conditions, the
MAX710/MAX711 typically start up with a 1V input. If
the battery voltage exceeds the programmed output
voltage, the output will linear regulate down to the
selected output voltage.
The MAX711’s adjustable output voltage is set by two
resistors, R1 and R2 (Figure 3), which form a voltage
divider between the output and FB. Use the following
equation to determine the resistor values:
R1 = R2 [(VOUT / VREF) - 1]
where VREF = 1.25V.
Since the input bias current at FB has a maximum value
of 50nA, R1 and R2 can be large with no significant
accuracy loss. Choose R2 in the 100k
Ω to 1MΩ range
and calculate R1 using the formula above. For 1%
error, the current through R1 should be at least 100
times FB’s bias current.
Low-Battery Comparator
The MAX710/MAX711 contain a comparator for low-
battery detection. If the voltage at LBI+ falls below that
at LBI- (typically connected to REF), LBO goes low.
Hysteresis is typically 50mV. Set the low-battery moni-
tor’s threshold with two resistors, R3 and R4 (Figure 2),
using the following equation:
R3 = R4 [(VLBT / VLBI-) - 1]
MAX711
SHDN
LX
STBY
N/E
LBO
LBI+
LBI-
REF
PGND
GND
ILIM
PS
OUT
R4
R3
R2
R1
C4
C1
IN
C2
L1
FB
OFF
ON
Figure 3. MAX711 Adjustable Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com