Electronic Components Datasheet Search
  English  ▼

X  

MAX710C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX710C/D
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX710C/D Datasheet HTML 4Page - Maxim Integrated Products MAX710C/D Datasheet HTML 5Page - Maxim Integrated Products MAX710C/D Datasheet HTML 6Page - Maxim Integrated Products MAX710C/D Datasheet HTML 7Page - Maxim Integrated Products MAX710C/D Datasheet HTML 8Page - Maxim Integrated Products MAX710C/D Datasheet HTML 9Page - Maxim Integrated Products MAX710C/D Datasheet HTML 10Page - Maxim Integrated Products MAX710C/D Datasheet HTML 11Page - Maxim Integrated Products MAX710C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
10
______________________________________________________________________________________
where VLBT is the desired threshold of the low-battery
detector and VLBI- is the voltage applied to the invert-
ing input of the low-battery comparator. Since LBI cur-
rent is less than 50nA, R3 and R4 can be large
(typically 100k
Ω to 1MΩ), minimizing input supply load-
ing. If the low-battery comparator is not used, connect
LBI+ to PS and LBI- to REF, leaving LBO unconnected.
Inductor Selection
A 22µH inductor value performs well in most
MAX710/MAX711 applications. The inductance value is
not critical, however, since the MAX710/MAX711 work
with inductors in the 18µH to 100µH range. Smaller
inductance values typically offer a smaller size for a
given series resistance, allowing the smallest overall
circuit dimensions. Circuits using larger inductance val-
ues exhibit higher output current capability and larger
physical dimensions for a given series resistance. The
inductor’s incremental saturation current rating should
be greater than the peak switch-current limit, which is
1.5A for ILIM = GND and 0.8A for ILIM = PS. However,
it is generally acceptable to bias most inductors into
saturation by as much as 20%, although this slightly
reduces efficiency. The inductor’s DC resistance signif-
icantly affects efficiency. See Tables 2 and 3 for a list of
suggested inductors and suppliers.
Capacitor Selection
A 100µF, 16V, 0.1
Ω equivalent series resistance (ESR),
surface-mount tantalum (SMT) output filter capacitor,
C2, typically exhibits 50mV output ripple when stepping
up from 2V to 5V at 100mA. Smaller capacitors (down
to 10µF with higher ESRs) are acceptable for light loads
or in applications that can tolerate higher output ripple.
The ESR of both bypass and filter capacitors affects
efficiency and output ripple. Output voltage ripple is the
product of the peak inductor current and the output
capacitor’s ESR. Use low-ESR capacitors for best per-
formance, or connect two or more filter capacitors in
parallel. Low-ESR, SMT capacitors are currently avail-
able from Sprague (595D series) and AVX (TPS series).
Sanyo OS-CON organic-semiconductor through-hole
capacitors also exhibit very low ESR and are especially
useful for operation at cold temperatures. The output
capacitor, C3, needs to be only 4.7µF to maintain linear
regulator stability. See Tables 2 and 3 for a list of sug-
gested capacitors and suppliers.
Rectifier Diode
For optimum performance, use a switching Schottky
diode. Refer to Tables 2 and 3 for the suggested diode
and supplier.
__________Applications Information
The MAX710/MAX711 high-frequency operation makes
PC layout important for minimizing ground bounce and
noise. Keep the IC’s GND pin and the ground leads of
C1 and C2 (Figure 1) less than 0.2in. (5mm) apart. Also
keep all connections to the FB and LX pins as short as
possible. To maximize output power and efficiency and
minimize output ripple voltage, use a ground plane and
solder the IC’s GND pin directly to the ground plane.
4.7µF, 16V tantalum capacitor
Sprague 595D475X0016A2T
RECTIFIERS (D1)
Schottky diode
Motorola MBRS130T3
Coilcraft DO33-08P-223
INDUCTORS (L1)
Sumida CD75-220 (1.5A),
CDRH-74-220 (1.23A), or
CD54-220
CAPACITORS
100µF, 16V low-ESR tantalum capacitor
AVX TPSE107M016R0100 or
Sprague 593D107X0016E2W
Table 2. Component Selection
Table 3. Component Suppliers
(803) 626-3123
(803) 946-0690
FAX
AVX
SUPPLIER
PHONE
(847) 639-1469
(847) 639-6400
Coilcraft
(602) 994-6430
(602) 303-5454
(603) 224-1430
(603) 224-1961
Sprague
Motorola
(847) 956-0702
(847) 956-0666
Sumida
___________________Chip Information
TRANSISTOR COUNT: 661
SUBSTRATE CONNECTED TO GND
(619) 661-1055
(619) 661-6835
Sanyo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com