Electronic Components Datasheet Search
  English  ▼

X  

MAX710ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX710ESE
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX710ESE Datasheet HTML 1Page - Maxim Integrated Products MAX710ESE Datasheet HTML 2Page - Maxim Integrated Products MAX710ESE Datasheet HTML 3Page - Maxim Integrated Products MAX710ESE Datasheet HTML 4Page - Maxim Integrated Products MAX710ESE Datasheet HTML 5Page - Maxim Integrated Products MAX710ESE Datasheet HTML 6Page - Maxim Integrated Products MAX710ESE Datasheet HTML 7Page - Maxim Integrated Products MAX710ESE Datasheet HTML 8Page - Maxim Integrated Products MAX710ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX710/MAX711 integrate a step-up DC-DC con-
verter with a linear regulator to provide step-up/down
voltage conversion. They are optimized for battery
applications where the input varies above and below
the regulated output voltage. They have an input range
from +1.8V to +11V. Typical efficiency when boosting
battery inputs is 85%.
The MAX710/MAX711 can be configured for minimum
noise or optimum efficiency. Shutdown control turns off
the part completely, disconnecting the input from the
output (ISHDN = 0.2µA). Standby control turns off only
the step-up converter and leaves the low-power linear
regulator active (IQ = 7µA).
The MAX710 has a preset 3.3V or 5V output voltage.
The MAX711 has an adjustable output that can be set
from +2.7V to +5.5V with two resistors. Both devices
come in 16-pin narrow SO packages.
________________________Applications
Single-Cell, Lithium-Powered Portable Devices
Digital Cameras
2- to 4-Cell AA Alkaline Hand-Held Equipment
3.3V and Other Low-Voltage Systems
2-, 3-, and 4-Cell Battery-Powered Equipment
Battery-Powered Devices with AC Input Adapters
____________________________Features
o Step-Up/Down Voltage Conversion
o +1.8V to +11V Input Range
o Output:
5V/250mA at VIN = 1.8V
5V/500mA at VIN = 3.6V
o No External FETs Required
o Load Disconnected from Input in Shutdown
o Battery Drain:
200µA No-Load (VIN = 4V)
7µA in Standby
0.2µA when Off
o Low-Noise and High-Efficiency Modes
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LX
LX
PGND
GND
REF
PS
LBI+
LBI-
OUT
TOP VIEW
MAX710
MAX711
SO
PGND
ILIM
3/5 (FB)
SHDN
STBY
N/E
LBO
( ) IS FOR THE MAX711.
__________________Pin Configuration
MAX710
LBI+
LBO
N/E
SHDN
OFF
ON
STBY
3/5
LBI-
REF
PGND
C3
0.1
µF
GND
ILIM
LX
PS
C4
C1
C2
L1
OUTPUT
3.3V/5V
+1.8V TO +11V
INPUT
OUT
5V
3.3V
ON
STBY
__________Typical Operating Circuit
19-1254; Rev 0; 7/97
PART
MAX710C/D
MAX710ESE
MAX711C/D
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice
16 Narrow SO
Dice
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
______________Ordering Information
MAX711ESE
-40°C to +85°C
16 Narrow SO
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX710ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
Single-Chip Electricity Meter AFE
Rev 0; 7/12
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
1Mb / 17P
Highly Accurate AFE for Testing
Rev 0; 6/15
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
MAX71020AETI+ MAXIM-MAX71020AETI+ Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results

Similar Description - MAX710ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com