Electronic Components Datasheet Search
  English  ▼

X  

MAX710ESE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX710ESE
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710ESE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX710ESE Datasheet HTML 1Page - Maxim Integrated Products MAX710ESE Datasheet HTML 2Page - Maxim Integrated Products MAX710ESE Datasheet HTML 3Page - Maxim Integrated Products MAX710ESE Datasheet HTML 4Page - Maxim Integrated Products MAX710ESE Datasheet HTML 5Page - Maxim Integrated Products MAX710ESE Datasheet HTML 6Page - Maxim Integrated Products MAX710ESE Datasheet HTML 7Page - Maxim Integrated Products MAX710ESE Datasheet HTML 8Page - Maxim Integrated Products MAX710ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VPS = 5.6V, STBY = PS, CREF = 0.1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: Specifications at -40°C are guaranteed by design, not production tested.
Note 2: Guaranteed by design (see Table 1).
Note 3: The LBO comparator provides the correct result as long as one input is within the specified input range.
STBY, SHDN, N/E, 3/5, ILIM
STBY = PS
CONDITIONS
V
0.4
Input Low Voltage
°C
150
Thermal Shutdown
UNITS
MIN
TYP
MAX
PARAMETER
STBY, SHDN, N/E, 3/5, ILIM
STBY, SHDN, N/E, 3/5, ILIM
(Note 3)
VLBI-, VLBI+ = 1.25V
mV
6
40
100
Hysteresis
V
1.6
Input High Voltage
nA
1
50
Input Bias Current
V
1.2
10
Input Range LBI-, LBI+
nA
1
50
Input Bias Current LBI-, LBI+
VLBI- = 1.25V
ILBO = 2mA, VLBI- = 1.25V, VLBI+ = 1V
ILBO = -300µA, VLBI- = 1.25V, VLBI+ = 2V
mV
-25
+25
LBI/LBO Offset Voltage
0.4
V
VPS - 0.2V
LBO Output Voltage
VOUT = 5.0V
Ω
0.7
1.3
Output PFET Resistance
VPS = 3V, VOUT = 0V
µA
0.4
3
Output PFET Leakage
MAX711, VOUT = 2.7V
1.6
3.0
MAX710, VOUT = 3.0V
1.3
2.4
STBY = PS
°C
20
Thermal Shutdown Hysteresis
LOGIC
LBI/LBO COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com