Electronic Components Datasheet Search
  English  ▼

X  

MAX730AC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX730AC/D
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730AC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX730AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 15Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
5V, Step-Down,
Current-Mode PWM DC-DC Converters
12
______________________________________________________________________________________
C1
1.23V
1M
±35%
SS
R1
510k
SS CLAMP
FROM SHDN
MAX730A
MAX738A
MAX744A
Figure 2. Block Diagram of Soft-Start Circuitry
MAX730A
MAX738A
MAX744A
SHDN
V+
1
SS
3
GND
REF
62
C6
0.01
µF
CC
OUT
4
5
LX
7
D1
1N5817
L1
*
OUTPUT
+5V
C4
*
C5
330pF
C3
*
C2
1
µF
8
R1
510k
C1
0.1
µF
*SEE TABLE 2 FOR COMPONENT VALUES AND SUPPLIERS.
PART
MAX730A
MAX738A
MAX744A
INPUT SUPPLY RANGE (V)
6.0 to 11.0
6.0 to 16.0
10.2 to 16.0
6.0 to 9.0
9.0 to 16.0
GUARANTEED OUTPUT CURRENT AT 5V (mA)
450
450
750
500
750
NOTE: PIN NUMBERS REFER TO 8-PIN PACKAGES.
C7
2.2
µF
OUTPUT
L2
25
µH
FILTER
OUTPUT
MAX730A +5.2V TO +11.0V
MAX738A/MAX744A +6.0V TO +16.0V
OPTIONAL LOWPASS OUTPUT FILTER
Figure 3. Standard +5V Step-Down Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com