Electronic Components Datasheet Search
  English  ▼

X  

MAX730AC/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX730AC/D
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730AC/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX730AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 15Page - Maxim Integrated Products MAX730AC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
5V, Step-Down,
Current-Mode PWM DC-DC Converters
______________________________________________________________________________________
15
________________________________________________________Package Information
C
A
A2
E1
D
E
eA
eB
A3
B1
B
DIM
A
A1
A2
A3
B
B1
C
D
D1
E
E1
e
eA
eB
L
α
MIN
–
0.015
0.125
0.055
0.016
0.050
0.008
0.348
0.005
0.300
0.240
–
0.115
0˚
MAX
0.200
–
0.175
0.080
0.022
0.065
0.012
0.390
0.035
0.325
0.280
0.400
0.150
15˚
MIN
–
0.38
3.18
1.40
0.41
1.27
0.20
8.84
0.13
7.62
6.10
–
2.92
0˚
MAX
5.08
–
4.45
2.03
0.56
1.65
0.30
9.91
0.89
8.26
7.11
10.16
3.81
15˚
INCHES
MILLIMETERS
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A1
L
D1
e
21-324A
α
8-PIN PLASTIC
DUAL-IN-LINE
PACKAGE
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.053
0.004
0.014
0.007
0.189
0.150
0.228
0.010
0.016
0˚
MAX
0.069
0.010
0.019
0.010
0.197
0.157
0.244
0.020
0.050
8˚
MIN
1.35
0.10
0.35
0.19
4.80
3.80
5.80
0.25
0.40
0˚
MAX
1.75
0.25
0.49
0.25
5.00
4.00
6.20
0.50
1.27
8˚
INCHES
MILLIMETERS
α
8-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-325A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com