Electronic Components Datasheet Search
  English  ▼

X  

MAX730 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX730
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX730 Datasheet HTML 1Page - Maxim Integrated Products MAX730 Datasheet HTML 2Page - Maxim Integrated Products MAX730 Datasheet HTML 3Page - Maxim Integrated Products MAX730 Datasheet HTML 4Page - Maxim Integrated Products MAX730 Datasheet HTML 5Page - Maxim Integrated Products MAX730 Datasheet HTML 6Page - Maxim Integrated Products MAX730 Datasheet HTML 7Page - Maxim Integrated Products MAX730 Datasheet HTML 8Page - Maxim Integrated Products MAX730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5V, Step-Down,
Current-Mode PWM DC-DC Converters
_______________________________________________________________________________________
3
Note 1: The standby current typically settles to 25µA (over temperature) within 2 seconds; however, to decrease test time, the part
is guaranteed at a 100µA maximum value.
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 3, V+ = 9V for the MAX730A, V+ = 12V for the MAX738A/MAX744A, ILOAD = 0mA, TA = TMIN to TMAX,
unless otherwise noted.)
PARAMETER
ILOAD = 0mA to 300mA
MAX730A
MIN
TYP
MAX
Supply Current
(includes switch
current)
ILOAD = 0mA to 750mA
UNITS
V+ = 9.0V, ILOAD = 300mA
MAX738A
MIN
TYP
MAX
4.3
mA
MAX744AE
ILX = 500mA
6.0
100.0
6.0
100.0
6.0
100.0
µA
Standby Current
VIH
0.0005
LX On Resistance
2.0
2.0
2.0
MAX744AC/AE
0.5
VIL
MAX744A
MIN
TYP
MAX
0.25
0.25
0.25
V
0.5
0.0005
Shutdown Input
Threshold
%/mA
Shutdown Input
Leakage Current
V+ = 12V, ILOAD = 750mA
Load Regulation
0.0005
SHDN = 0V (Note 1)
0.5
1.7
3.0
1.7
3.0
1.7
3.0
159.0 185.0 212.5
Ω
MAX744AC/AE
1.2
2.5
V+ = 12V, LX = 0V
MAX744AM
1.0
3.0
1.0
1.0
V+ = 6.0V
to 9.0V
MAX744AC/AE
3.0
1.0
µA
Reference Drift
1.0
1.0
MAX744AM
µA
3.5
1.5
MAX744AM
V+ = 9.0V
to 12.0V
MAX744AC
4.0
50
50
LX Leakage Current
1.5
87
1.5
CONDITIONS
A
Short-Circuit Current
V+ rising
159.0
216.5
5.7
6.0
5.7
6.0
4.7
5.2
V+ falling
5.0
5.7
V
kHz
Undervoltage
Lockout
90
87
90
%
Efficiency
92
V+ = 6.0V
to 16.0V
V+ = 12V, TA = +25°C
Reference Voltage
1.15
1.23
1.30
1.15
1.23
1.30
1.15
1.23
1.30
V
50
130
160
190
130
170
210
ppm/°C
Oscillator Frequency
7500
7500
7500
Ω
Compensation Pin
Impedance
4.5
V+ = 12.0V
to 16.0V
MAX744AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com