Electronic Components Datasheet Search
  English  ▼

X  

MAX730 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX730
Description  5V, Step-Down, Current-Mode PWM DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX730 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX730 Datasheet HTML 3Page - Maxim Integrated Products MAX730 Datasheet HTML 4Page - Maxim Integrated Products MAX730 Datasheet HTML 5Page - Maxim Integrated Products MAX730 Datasheet HTML 6Page - Maxim Integrated Products MAX730 Datasheet HTML 7Page - Maxim Integrated Products MAX730 Datasheet HTML 8Page - Maxim Integrated Products MAX730 Datasheet HTML 9Page - Maxim Integrated Products MAX730 Datasheet HTML 10Page - Maxim Integrated Products MAX730 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
5V, Step-Down,
Current-Mode PWM DC-DC Converters
_______________________________________________________________________________________
7
NAME
FUNCTION
1
SHDN
Shutdown—active low. Ground to power-down chip, tie to V+ for normal operation.
Output voltage falls to 0V when
SHDN is low.
2
REF
3
SS
Soft-Start. Capacitor between SS and GND provides soft-start and short-circuit protection.
510k
Ω resistor from SS to SHDN provides current boost.
2
3
4
CC
Compensation Capacitor Input externally compensates the outer feedback loop.
Connect to OUT with a 330pF capacitor.
5
OUT
Output Voltage Sense Input provides regulation feedback sensing. Connect to +5V output.
6
GND
Ground pins are internally connected. Connect both pins to ground.
7
LX
Drain of internal P-channel power MOSFET.
7
8
9
8
V+
Supply-Voltage Input. Bypass to GND with 1µF ceramic and large-value electrolytic capaci-
tors in parallel. The 1µF capacitor must be as close to V+ and GND pins as possible.
N.C.
No Connect—no internal connections to these pins.
10, 11
12, 13, 14
1, 15, 16
4, 5, 6
______________________________________________________________Pin Description
MAX730A
LOAD-TRANSIENT RESPONSE
50ms/div
A: VOUT, 50mV/div, DC-COUPLED
B: IOUT, 200mA/div, 20mA TO 300mA
V+ = 9V
MAX738A/MAX744A
LOAD-TRANSIENT RESPONSE
50ms/div
A: VOUT, 50mV/div, DC-COUPLED
B: IOUT, 500mA/div, 50mA TO 750mA
V+ = 12V
300mA
20mA
A
B
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 3, TA = +25°C, unless otherwise noted.)
16-PIN
WIDE SO
8-PIN
DIP/SO
Reference-Voltage Output (+1.23V) supplies up to 100µA for extended loads.
Bypass to GND with a capacitor that does not exceed 0.047µF.
750mA
50mA
A
B
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com