Electronic Components Datasheet Search
  English  ▼

X  

MAX756 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX756
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX756 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX756 Datasheet HTML 1Page - Maxim Integrated Products MAX756 Datasheet HTML 2Page - Maxim Integrated Products MAX756 Datasheet HTML 3Page - Maxim Integrated Products MAX756 Datasheet HTML 4Page - Maxim Integrated Products MAX756 Datasheet HTML 5Page - Maxim Integrated Products MAX756 Datasheet HTML 6Page - Maxim Integrated Products MAX756 Datasheet HTML 7Page - Maxim Integrated Products MAX756 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
2
_______________________________________________________________________________________
Supply Voltage (OUT to GND) ....................................-0.3V, +7V
Switch Voltage (LX to GND) ........................................-0.3V, +7V
Auxiliary Pin Voltages (SHDN, LBI, LBO, REF,
3/5, FB to GND) ........................................-0.3V, (VOUT + 0.3V)
Reference Current (IREF) ....................................................2.5mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
Operating Temperature Ranges:
MAX75_C_ _ ........................................................0°C to +70°C
MAX75_E_ _......................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range............................... -65°to +160°C
Lead Temperature (soldering, 10sec) ........................... +300°C
ELECTRICAL CHARACTERISTICS
(Circuits of Figure 1 and Typical Operating Circuit, VIN = 2.5V, ILOAD = 0mA, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Note 1: Supply current from the 3.3V output is measured with an ammeter between the 3.3V output and OUT pin. This current
correlates directly with actual battery supply current, but is reduced in value according to the step-up ratio and efficiency.
Note 2: Minimum value is production tested. Maximum value is guaranteed by design and is not production tested.
LBO Output Leakage Current
SHDN, 3/5, FB, LBI Input Current
V
2.7
5.5
MAX757, ILOAD = 0mA (Note 2)
Output Voltage Range
V
1.22
1.25
1.28
MAX757
FB Voltage
nA
±100
LBI = 1.25V, FB = 1.25V, SHDN = 0V or 3V,
3/5 = 0V or 3V
V
1.6
SHDN, 3/5 Input Voltage High
V
0.4
SHDN, 3/5 Input Voltage Low
Shutdown Quiescent Current
(Note 1)
Battery Quiescent Current
Measured at VIN in Figure 1
V
1.22
1.25
1.28
With falling edge
LBI Input Threshold
mV
25
LBI Input Hysteresis
V
0.4
ISINK = 2mA
LBO Output Voltage Low
µA
1
LBO = 5V
µA
20
40
SHDN = 0V, LBI = 1.25V, 3/5 = 3V, VOUT = 3.47V,
FB = 1.3V (MAX757 only)
µA
Quiescent Supply Current in
3.3V Mode (Note 1)
MAX757, VOUT = 5V, 0mA < ILOAD < 200mA
MAX756, 3/5 = 0V, 0mA < ILOAD < 200mA
MAX756, 3/5 = 3V, 0mA < ILOAD < 300mA
%
0.8
2.0
3/5 = 3V, -20µA < REF load < 250µA, CREF = 0.22µF
Reference-Voltage Regulation
V
1.23
1.25
1.27
No REF load, CREF = 0.1µF
60
ILOAD = 0mA, 3/5 = 3V, LBI = 1.25V, VOUT = 3.47V,
FB = 1.3V (MAX757 only)
µA
V
60
Output set for 3.3V
1.1
1.8
ILOAD = 10mA
Minimum Start-Up Supply Voltage
4.8
5.0
5.2
2V < VIN < 3V
Reference Voltage
3.17
3.30
3.43
V
4.8
5.0
5.2
Output Voltage
UNITS
MIN
TYP
MAX
CONDITIONS
PARAMETER
V
0.7
ILOAD = 20mA
Minimum Operating Supply
Voltage (once started)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com