Electronic Components Datasheet Search
  English  ▼

X  

MAX756 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX756
Description  3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX756 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX756 Datasheet HTML 1Page - Maxim Integrated Products MAX756 Datasheet HTML 2Page - Maxim Integrated Products MAX756 Datasheet HTML 3Page - Maxim Integrated Products MAX756 Datasheet HTML 4Page - Maxim Integrated Products MAX756 Datasheet HTML 5Page - Maxim Integrated Products MAX756 Datasheet HTML 6Page - Maxim Integrated Products MAX756 Datasheet HTML 7Page - Maxim Integrated Products MAX756 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3.3V/5V/Adjustable-Output,
Step-Up DC-DC Converters
_________________________________________________________________________________________________
3
MINIMUM START-UP INPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
10
100
1000
1
1.8
1.6
1.4
1.2
1.0
0.8
3.3V MODE
40
0.1
10
1000
EFFICIENCY vs. LOAD CURRENT
3.3V OUTPUT MODE
LOAD CURRENT (mA)
60
80
90
50
70
1
100
VIN = 2.0V
VIN = 1.2V
40
0.1
10
1000
EFFICIENCY vs. LOAD CURRENT
5V OUTPUT MODE
LOAD CURRENT (mA)
60
80
90
50
70
1
100
VIN = 3.3V
VIN = 2.5V
VIN = 1.25V
800
0
02
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
200
600
INPUT VOLTAGE (V)
4
400
100
300
500
700
13
5
3.3V MODE
5V MODE
1M
10
10
µ
10m
1
SWITCHING FREQUENCY
vs. LOAD CURRENT
100
LOAD CURRENT (A)
1k
10k
100k
100
µ
1m
100m
5V MODE
3.3V MODE
VIN = 2.5V
0
2
QUIESCENT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4
100
200
300
400
500
1
3
5
VOUT = 3.3V
VOUT = 5V
CURRENT MEASURED AT VIN
50
0
12
5
SHUTDOWN QUIESCENT CURRENT
vs. INPUT VOLTAGE
20
INPUT VOLTAGE (V)
4
40
10
30
3
CURRENT MEASURED AT VIN
10
0
0
REFERENCE VOLTAGE
LOAD REGULATION
2
8
LOAD CURRENT (
µA)
6
4
50
100
150
200
250
VOUT = 3.3V
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com