Electronic Components Datasheet Search
  English  ▼

X  

MAX768 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX768
Description  Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX768 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX768 Datasheet HTML 1Page - Maxim Integrated Products MAX768 Datasheet HTML 2Page - Maxim Integrated Products MAX768 Datasheet HTML 3Page - Maxim Integrated Products MAX768 Datasheet HTML 4Page - Maxim Integrated Products MAX768 Datasheet HTML 5Page - Maxim Integrated Products MAX768 Datasheet HTML 6Page - Maxim Integrated Products MAX768 Datasheet HTML 7Page - Maxim Integrated Products MAX768 Datasheet HTML 8Page - Maxim Integrated Products MAX768 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Noise, Dual-Output, Regulated Charge Pump
for GaAsFET, LCD, and VCO Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +3V, SYNC = IN, SETN = SETP = GND, NSHDN = PSHDN = IN, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C. See Figure 2.) (Note 1)
SYNC = GND (divide by 4)
CONDITIONS
µA
0.1
2
SYNC Input Leakage Current
21.5
25
28.5
%
40
60
SYNC Duty Cycle (external)
kHz
20
240
SYNC Frequency Range (external)
UNITS
MIN
TYP
MAX
PARAMETER
INOUT = 0.1mA
IPOUT = 0.1mA
V
-1.275
-1.25
-1.225
Negative Set-Reference Voltage
-1.270
-1.25
-1.230
V
1.215
1.25
1.285
Positive Set-Reference Voltage
1.217
1.25
1.283
VRDY = 10V
Percent of VNOUT, INOUT = 5mA
VSETP = VSETN = 1.3V
mA
10
Maximum Sink Current
µA
0.01
2
Output Off Current
%
85
94
98
RDY Output Threshold
µA
0.01
0.1
SETP, SETN Input Leakage Current
VSYNC = 3V
kHz
85
100
115
Oscillator Frequency (internal)
TA = +25°C
TA = -40°C to + 85°C
TA = +25°C
TA = -40°C to + 85°C
ISINK = 2mA
V
0.25
Output Low Voltage
SYNC
SET INPUT
RDY OUTPUT
Note 1: Parameters to -40°C are guaranteed by design, not production tested.
Note 2: Maximum output voltage range is from the positive reference voltage to 2 x VIN - dropout voltage.
Note 3: Maximum output voltage range is from the negative reference voltage to -2 x VIN + dropout voltage.
__________________________________________Typical Operating Characteristics
(SYNC = IN, TA = +25°C, unless otherwise noted.)
0.30
IN = 3.0V
NOUT = -5V
POUT = +5V
0
0
5
15
25
mVRMS OUTPUT VOLTAGE
vs. OUTPUT CURRENT
0.10
OUTPUT CURRENT (mA)
10
20
0.20
5.2
4.0
0
5
15
30
POUT OUTPUT VOLTAGE
vs. OUTPUT CURRENT
4.2
4.8
5.0
OUTPUT CURRENT (mA)
10
20
25
4.6
4.4
IN = 4.0V
IN = 3.0V
ONLY POUT LOADED
-4.2
-5.0
0
5
15
30
NOUT OUTPUT VOLTAGE vs.
OUTPUT CURRENT
-4.9
-4.4
-4.3
OUTPUT CURRENT (mA)
10
20
25
-4.5
-4.7
-4.8
-4.6
IN = 4.0V
IN = 3.0V
ONLY NOUT LOADED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com