Electronic Components Datasheet Search
  English  ▼

X  

MAX768 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX768
Description  Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX768 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX768 Datasheet HTML 3Page - Maxim Integrated Products MAX768 Datasheet HTML 4Page - Maxim Integrated Products MAX768 Datasheet HTML 5Page - Maxim Integrated Products MAX768 Datasheet HTML 6Page - Maxim Integrated Products MAX768 Datasheet HTML 7Page - Maxim Integrated Products MAX768 Datasheet HTML 8Page - Maxim Integrated Products MAX768 Datasheet HTML 9Page - Maxim Integrated Products MAX768 Datasheet HTML 10Page - Maxim Integrated Products MAX768 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Noise, Dual-Output, Regulated Charge Pump
for GaAsFET, LCD, and VCO Supplies
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX768 requires only seven external capacitors to
implement a regulated voltage doubler/inverter. These
can be ceramic or polarized electrolytic capacitors rang-
ing from 2.2µF to 47µF. Figure 1 is a functional diagram of
the MAX768. The applied input voltage (VIN) is first dou-
bled to a value of 2VIN by a capacitor charge pump and
then stored in the V+ reservoir capacitor. Next, the volt-
age at V+ is inverted to -2VIN and stored at the V- reser-
voir capacitor. The voltages at V+ and V- are then linear
regulated and appear at POUT and NOUT, respectively.
The ripple noise induced by the doubling and inverting
charge pump is reduced by the linear regulators to
1.2mVp-p for POUT and 1.7mVp-p for NOUT. In addition,
the linear regulator’s excellent AC rejection attenuates
noise from the incoming supply. A minimum of 5mA is
available at each output. When NOUT is more negative
than 90% of the regulated output voltage, the open-drain
RDY output pulls to GND.
The charge pump operates in three modes: when
SYNC
= GND, the charge pump operates at 25kHz; when
SYNC = IN, it operates at 100kHz, or SYNC can be over-
driven with an external clock in the 20kHz to 240kHz
range. The clock must have a 40% to 60% duty cycle.
__________Applications Information
Setting the Output Voltage
Connect SETP or SETN directly to GND to select a fixed
+5V or -5V output voltage, respectively (Figure 2).
Select an alternative voltage for either output by con-
necting SETP or SETN to the midpoint of a resistor volt-
age divider from POUT or NOUT, respectively, to GND
(Figure 3). (2 x VIN) must be 1.0V above the absolute
value of the output voltage to ensure proper regulation.
Calculate the output voltage from the formulas below.
Choose R1 and R3 at between 100k
Ω to 400kΩ.
where VPSET REF = 1.25V (typical) and
VNSET REF = -1.25V (typical).
R2 = R1
R4 = R3
()
−


()
−


V
V
V
V
POUT
PSET REF
NOUT
NSET REF
1
1
MAX768
VOLTAGE
DOUBLER
+1.25V
REF
-1.25V
SHDN
POUT
SETP
CONNECT TO GND
TO SET VPOUT = +5V
CONNECT TO GND
TO SET VNOUT = -5V
GND
RDY
SETN
NOUT
IN
V+
C1+
C1-
PSHDN
SYNC
NSHDN
C2+
C2-
N
N
P
V-
VOLTAGE
INVERTER
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com