Electronic Components Datasheet Search
  English  ▼

X  

MAX767SCAP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX767SCAP
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767SCAP Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX767SCAP Datasheet HTML 12Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 13Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 14Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 15Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 16Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 17Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 18Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 19Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
18
______________________________________________________________________________________
___________________Chip Topography
_Ordering Information (continued)
TRANSISTOR COUNT: 1294
SUBSTRATE CONNECTED TO GND
BST
GND
GND
REF
ON
GND
VCC
0.181"
(4.597mm)
0.109"
(2.769mm)
GND
GND
GND
SYNC
PGND
VCC
VCC
VCC
DL
LX
SS
CS
FB
DH
3.3V
±1.2%
20 SSOP
0°C to +70°C
MAX767TEAP
3.6V
3.45V
3.3V
VOUT
±1.8%
±1.8%
±1.8%
REF.
TOL.
20 SSOP
0°C to +70°C
MAX767SEAP
20 SSOP
0°C to +70°C
MAX767REAP
20 SSOP
0°C to +70°C
MAX767EAP
PIN-
PACKAGE
TEMP. RANGE
PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com