Electronic Components Datasheet Search
  English  ▼

X  

MAX767SCAP Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX767SCAP
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767SCAP Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX767SCAP Datasheet HTML 12Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 13Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 14Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 15Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 16Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 17Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 18Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 19Page - Maxim Integrated Products MAX767SCAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
______________________________________________________________________________________
19
________________________________________________________Package Information
L
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.068
0.002
0.010
0.005
0.278
0.205
0.301
0.022
0˚
MAX
0.078
0.008
0.015
0.009
0.289
0.212
0.311
0.037
8˚
MIN
1.73
0.05
0.25
0.13
7.07
5.20
7.65
0.55
0˚
MAX
1.99
0.21
0.38
0.22
7.33
5.38
7.90
0.95
8˚
INCHES
MILLIMETERS
α
20-PIN PLASTIC
SHRINK
SMALL-OUTLINE
PACKAGE
H
E
D
A
A1
C
0.127mm
0.004in.
B
0.65 BSC
0.0256 BSC
21-0003A
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com