Electronic Components Datasheet Search
  English  ▼

X  

MAX765CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX765CSA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX765CSA Datasheet HTML 1Page - Maxim Integrated Products MAX765CSA Datasheet HTML 2Page - Maxim Integrated Products MAX765CSA Datasheet HTML 3Page - Maxim Integrated Products MAX765CSA Datasheet HTML 4Page - Maxim Integrated Products MAX765CSA Datasheet HTML 5Page - Maxim Integrated Products MAX765CSA Datasheet HTML 6Page - Maxim Integrated Products MAX765CSA Datasheet HTML 7Page - Maxim Integrated Products MAX765CSA Datasheet HTML 8Page - Maxim Integrated Products MAX765CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX764/MAX765/MAX766 inverting switching regu-
lators are highly efficient over a wide range of load cur-
rents, delivering up to 1.5W. A unique, current-limited,
pulse-frequency-modulated (PFM) control scheme com-
bines the benefits of traditional PFM converters with the
benefits of pulse-width-modulated (PWM) converters.
Like PWM converters, the MAX764/MAX765/MAX766 are
highly efficient at heavy loads. Yet because they are PFM
devices, they use less than 120µA of supply current (vs.
2mA to 10mA for a PWM device).
The input voltage range is 3V to 16V. The output volt-
age is preset at -5V (MAX764), -12V (MAX765), or -15V
(MAX766); it can also be adjusted from -1V to -16V
using two external resistors (Dual ModeTM). The maxi-
mum operating VIN - VOUT differential is 20V.
These devices use miniature external components; their
high switching frequencies (up to 300kHz) allow for less
than 5mm diameter surface-mount magnetics. A stan-
dard 47µH inductor is ideal for most applications, so no
magnetics design is necessary.
An internal power MOSFET makes the MAX764/MAX765/
MAX766 ideal for minimum component count, low- and
medium-power applications. For increased output drive
capability or higher output voltages, use the
MAX774/MAX775/MAX776 or MAX1774, which drive an
external power P-channel MOSFET for loads up to 5W.
________________________Applications
LCD-Bias Generators
Portable Instruments
LAN Adapters
Remote Data-Acquisition Systems
Battery-Powered Applications
____________________________Features
o High Efficiency for a Wide Range of Load Currents
o 250mA Output Current
o 120µA Max Supply Current
o 5µA Max Shutdown Current
o 3V to 16V Input Voltage Range
o -5V (MAX764), -12V (MAX765), -15V (MAX766),
or Adjustable Output from -1V to -16V
o Current-Limited PFM Control Scheme
o 300kHz Switching Frequency
o Internal, P-Channel Power MOSFET
______________Ordering Information
Ordering Information continued on last page.
* Dice are tested at TA = +25°C, DC parameters only.
**Contact factory for availability and processing to MIL-STD-883.
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
LX
V+
V+
GND
REF
SHDN
FB
OUT
MAX764
MAX765
MAX766
DIP/SO
TOP VIEW
__________________Pin Configuration
GND
MAX764
SHDN
LX
OUT
ON/OFF
REF
47µH
OUTPUT
-5V
INPUT
3V TO 15V
V+
FB
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0176; Rev 0; 6/94
PART
MAX764CPA
MAX764CSA
MAX764C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX764EPA
MAX764ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX764MJA
-55°C to +125°C
8 CERDIP**
MAX765CPA
MAX765CSA
MAX765C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
MAX765EPA
MAX765ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX765MJA
-55°C to +125°C
8 CERDIP**
Evaluation
Kit
Available


Similar Part No. - MAX765CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
MAX7651CCB MAXIM-MAX7651CCB Datasheet
479Kb / 36P
Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
MAX7651ECB MAXIM-MAX7651ECB Datasheet
479Kb / 36P
Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
MAX7652CCB MAXIM-MAX7652CCB Datasheet
479Kb / 36P
Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
MAX7652ECB MAXIM-MAX7652ECB Datasheet
479Kb / 36P
Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
More results

Similar Description - MAX765CSA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109 LINER-LT1109 Datasheet
212Kb / 8P
Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com