Electronic Components Datasheet Search
  English  ▼

X  

MAX765CSA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX765CSA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765CSA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX765CSA Datasheet HTML 1Page - Maxim Integrated Products MAX765CSA Datasheet HTML 2Page - Maxim Integrated Products MAX765CSA Datasheet HTML 3Page - Maxim Integrated Products MAX765CSA Datasheet HTML 4Page - Maxim Integrated Products MAX765CSA Datasheet HTML 5Page - Maxim Integrated Products MAX765CSA Datasheet HTML 6Page - Maxim Integrated Products MAX765CSA Datasheet HTML 7Page - Maxim Integrated Products MAX765CSA Datasheet HTML 8Page - Maxim Integrated Products MAX765CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(V+ = 5V, VOUT = -5V, TA = +25°C, unless otherwise noted.)
0
-60
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
V+ = 15V
0.5
1.0
1.5
2.0
2.5
3.0
4.0
3.5
V+ = 8V
V+ = 4V
15.0
-60
MAXIMUM SWITCH ON-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
V+ = 15V
V+ = 5V
15.2
15.4
15.6
15.8
16.0
16.2
16.4
16.6
16.8
17.0
2.20
-60
MINIMUM SWITCH OFF-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
2.25
2.30
2.35
2.40
2.45
2.50
2.60
2.55
V+ = 5V
V+ = 15V
6.2
-60
SWITCH ON/OFF-TIME RATIO
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
V+ = 5V
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
0
START-UP SUPPLY VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
0
1
2
3
4
5
6
8
7
50
100
150
200
250
300
CIRCUIT OF FIGURE 2
10,000
1
20
LX LEAKAGE CURRENT
vs. TEMPERATURE
10
100
TEMPERATURE (°C)
1000
30 40 50 60 70 80 90 100 110 120 130
IVOUTI + (V+) = 20V
MAXIMUM OUTPUT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3
600
4 5 6
7 8 9 10 11 12 13 14 15 16
500
400
300
200
100
0
VOUT = -5V
VOUT = -12V
VOUT = -15V
CIRCUIT OF FIGURE 2
60
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3
65
70
75
80
85
90
100
95
4 5 6
7 8 9 10 11 12 13 14 15 16
50
-60
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
55
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
60
65
70
75
80
85
90
95
100
105
110
V+ = 15V
V+ = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com