Electronic Components Datasheet Search
  English  ▼

X  

MAX786 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX786
Description  Dual-Output Power-Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX786 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX786 Datasheet HTML 4Page - Maxim Integrated Products MAX786 Datasheet HTML 5Page - Maxim Integrated Products MAX786 Datasheet HTML 6Page - Maxim Integrated Products MAX786 Datasheet HTML 7Page - Maxim Integrated Products MAX786 Datasheet HTML 8Page - Maxim Integrated Products MAX786 Datasheet HTML 9Page - Maxim Integrated Products MAX786 Datasheet HTML 10Page - Maxim Integrated Products MAX786 Datasheet HTML 11Page - Maxim Integrated Products MAX786 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Dual-Output Power-Supply
Controller for Notebook Computers
8
_______________________________________________________________________________________
The MAX786 has two close relatives: the MAX782 and
the MAX783. The MAX782 and MAX783 each include
an extra flyback winding regulator and linear regulators
for dual, +12V/programmable PCMCIA VPP outputs.
The MAX782/MAX783 data sheet contains extra appli-
cations information on the MAX786 not found in this
data sheet.
+3.3V Switch-Mode Supply
The +3.3V supply is generated by a current-mode,
PWM step-down regulator using two N-channel
MOSFETs, a rectifier, and an LC output filter (Figure 1).
The gate-drive signal to the high-side MOSFET, which
must exceed the battery voltage, is provided by
a boost circuit that uses a 100nF capacitor connected
to BST3.
_________________Detailed Description
The MAX786 converts a 5.5V to 30V input to four outputs
(Figure 1). It produces two high-power, PWM, switch-
mode supplies, one at +5V and the other at +3.3V. The
two supplies operate at either 300kHz or 200kHz,
allowing for small external components. Output current
capability depends on external components, and can
exceed 6A on each supply. An internal 5V, 5mA supply
(VL) and a 3.3V, 5mA reference voltage are also gener-
ated via linear regulators, as shown in Figure 2. Fault
protection circuitry shuts off the PWMs when the inter-
nal supplies lose regulation.
Two precision voltage comparators are also included.
Their output stages permit them to be used as level
translators for driving external N-channel MOSFETs in
load-switching applications, or for more conventional
logic signals.
MAX786
V+
VL
23
22
INPUT
5.5V TO 30V
(NOTE 1)
C1
33
µF
D2A
1N4148
C5
0.1
µF
25
27
18
16
17
GND
REF
PGND
C3
1
µF
+3.3V AT 5mA
BST3
DH3
LX3
BST5
DH5
LX5
9
10
20
N1
C9
0.01
µF
+3.3V ON/OFF
+5V ON/OFF
SHUTDOWN
OSC SYNC
INPUT VOLTAGE RANGE 6.5V TO 30V
AS SHOWN. SEE
LOW-VOLTAGE
(6-CELL) OPERATION SECTION FOR
DETAILS.
NOTE 1:
USE SHORT, KELVIN-CONNECTED PC
BOARD TRACES PLACED VERY CLOSE
TO ONE ANOTHER.
NOTE 2:
COMPARATOR SUPPLY INPUT
IN
OUT
COMPARATOR 1
IN
OUT
COMPARATOR 2
(NOTE 2)
C8
0.01
µF
N4
D3
1N5819
L2
10
µH
R2
25m
+5V
AT
3A
C6
330
µF
+5V AT 5mA
4.7
µF
C10
33
µF
N2
D2B
1N4148
C4
0.1
µF
2
3
13
12
11
14
6
4
8
5
7
SS3
ON3
ON5
SHDN
SYNC
SS5
VH
D1
Q1
D2
Q2
19
15
21
DL5
CS5
FB5
(NOTE 2)
N3
26
D1
1N5819
L1
10
µH
R1
25m
Ω
+3.3V
AT
3A
C12
150
µF
24
1
28
DL3
CS3
FB3
C7
150
µF
Figure 1. MAX786 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com